Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP820 Datasheet(PDF) 1 Page - 3M Electronics

Part # DP820
Description  Acrylic Adhesives
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

DP820 Datasheet(HTML) 1 Page - 3M Electronics

  DP820 Datasheet HTML 1Page - 3M Electronics DP820 Datasheet HTML 2Page - 3M Electronics DP820 Datasheet HTML 3Page - 3M Electronics DP820 Datasheet HTML 4Page - 3M Electronics DP820 Datasheet HTML 5Page - 3M Electronics DP820 Datasheet HTML 6Page - 3M Electronics DP820 Datasheet HTML 7Page - 3M Electronics DP820 Datasheet HTML 8Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
3
Scotch-WeldTM
Acrylic Adhesives
DP805 • DP820
Product Description
3MTM Scotch-WeldTM Acrylic Adhesives DP805 and DP820 are two-part, 1:1 mix
ratio, toughened acrylic structural adhesives. They exhibit excellent shear and peel
strengths along with good impact and durability and bond well to many metals,
ceramics, wood and most plastics.
Features
• Excellent shear and peel strengths
• Easy mixing
• 5 minute worklife (Scotch-Weld acrylic adhesive DP805)
• Non-sag
20 minute worklife (Scotch-Weld acrylic adhesive DP820)
• Minimal surface preparation
• 1:1 mix ratio
Technical Data
December, 2009
Typical Uncured
Physical Properties
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
Product
Scotch-Weld
Scotch-Weld
Acrylic Adhesive
Acrylic Adhesive
DP805
DP820
Color
Base (B)
Off-White
Off-White
Accelerator (A)
Yellow
Yellow
Net Weight
Base (B)
8.4
8.6
(Lbs./Gallon)
Accelerator (A)
8.1
8.1
Viscosity1
Base (B)
75,000 cps
70,000 cps
@ 73°F (23°C)
Accelerator (A)
150,000 cps
45,000 cps
Base Resin
Acrylic
Acrylic
Mix Ratio (B:A)
By Volume
1:1
1:1
By Weight
1:1
1:1
Worklife2
Nozzle mixed
3-4 minutes
15-20 minutes
@ 73°F (23°C)
Applied Open Time3
3 minutes
15 minutes
Time to Handling Strength4
7-10 minutes
30-40 minutes
1. Brookfield RVF #7 spindle at 20 rpm.
2. Approximate time during which material can remain in a mixer nozzle and still be expelled without undue force on the applicator.
3. Approximate time after application of adhesive that bonds can be made without adversely affecting wetting out of adhesive and
ultimate performance levels.
4. Time to achieve approx. 50 psi Overlap Shear Strength (OLS) when cured at (73°F) 23°C.


Similar Part No. - DP820

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8212 NSC-DP8212 Datasheet
189Kb / 10P
8-Bit Input/Output Port
logo
Texas Instruments
DP8212 TI1-DP8212 Datasheet
439Kb / 12P
DP8212/DP8212M 8-Bit Input/Output Port
logo
National Semiconductor ...
DP8212J NSC-DP8212J Datasheet
189Kb / 10P
8-Bit Input/Output Port
logo
Texas Instruments
DP8212J TI1-DP8212J Datasheet
439Kb / 12P
DP8212/DP8212M 8-Bit Input/Output Port
DP8212M TI1-DP8212M Datasheet
439Kb / 12P
DP8212/DP8212M 8-Bit Input/Output Port
More results

Similar Description - DP820

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
S1125-KIT-5 MACOM-S1125-KIT-5 Datasheet
96Kb / 8P
Adhesives
logo
3M Electronics
TL62-50 3M-TL62-50 Datasheet
21Kb / 4P
Threadlocker Anaerobic Adhesives
Mar-2010
logo
Roithner LaserTechnik G...
LC7 ROITHNER-LC7 Datasheet
60Kb / 1P
ACRYLIC LASERDIODE COLLIMATOR
GS-7020-2C ROITHNER-GS-7020-2C Datasheet
47Kb / 1P
ACRYLIC LASERDIODE COLLIMATOR
logo
3M Electronics
DP810 3M-DP810 Datasheet
190Kb / 7P
Scotch-Weld™ Low Odor AcrylicAdhesives
June 2019
DP8405NS 3M-DP8405NS Datasheet
141Kb / 7P
Scotch-Weld™ Acrylic Adhesives
May-2019
DP8805NS 3M-DP8805NS Datasheet
144Kb / 7P
Scotch-Weld™ Low Odor Acrylic Adhesives
May-2019
DP100 3M-DP100 Datasheet
539Kb / 8P
Epoxy Adhesives
using
4224-NF 3M-4224-NF Datasheet
362Kb / 4P
FastbondTM Pressure Sensitive Adhesives
Feb-2015
logo
TE Connectivity Ltd
S1006 TEC-S1006 Datasheet
8Mb / 20P
Adhesives Selection Guide
2018
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com