Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP820 Datasheet(PDF) 3 Page - 3M Electronics

Part # DP820
Description  Acrylic Adhesives
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

DP820 Datasheet(HTML) 3 Page - 3M Electronics

  DP820 Datasheet HTML 1Page - 3M Electronics DP820 Datasheet HTML 2Page - 3M Electronics DP820 Datasheet HTML 3Page - 3M Electronics DP820 Datasheet HTML 4Page - 3M Electronics DP820 Datasheet HTML 5Page - 3M Electronics DP820 Datasheet HTML 6Page - 3M Electronics DP820 Datasheet HTML 7Page - 3M Electronics DP820 Datasheet HTML 8Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3M™ Scotch-Weld™
Acrylic Adhesives
DP805 • DP820
- 3 -
Typical Adhesive
Performance
Characteristics
Product
3M™ Scotch-Weld™
3M™ Scotch-Weld™
Acrylic Adhesive
Acrylic Adhesive
DP805
DP820
Aluminum - etched
3500
3200
Aluminum - (etched/oily)
3500
2900
Aluminum - (120 grit sandpaper)
3200
3100
Aluminum - (solvent cleaned only)
900
300
Cold Rolled Steel (CRS)
2800
2500
CRS (oily)
2700
2400
Copper
900
—
Galvanized Steel
1300
1200
FR-4 Glass Epoxy
2500
2000
Fiberglass Reinforced Plastic
600
700
ABS
1000
1000
PVC
1750
1750
Polycarbonate
950
1150
Acrylic
1200
1250
Fir Wood
800
1200
Overlap Shear (OLS)14 to Various Substrates (psi)
Product
Scotch-Weld
Scotch-Weld
Acrylic Adhesive
Acrylic Adhesive
DP805
DP820
Control (no immersion)
2800
2500
Toluene
2650
NR
*
Machine Oil
2850
1950
IPA (isopropyl alcohol)
2650
1350
Gasoline
2750
1500
1,1,1-Trichloroethane
2550
NR
*
10% HCl
800
NR
*
MEK (methyl ethyl ketone)
<10
NR
*
Acetone
<10
NR
*
Overlap Shear14 (psi) CRS/CRS Tested After 7 Days of Immersion in the Following
Product
Scotch-Weld
Scotch-Weld
Acrylic Adhesive
Acrylic Adhesive
DP805
DP820
Control (RT Aging)
2500
2000
248°F (120°C)/2 wks
2700
3300
194°F (90°C)/90% RH/2 wks
2600
1600
Tap Water 1 wk/RT
2200
1500
Overlap Shear14 (FR-4/FR-4) Tested After Environmental Exposure (psi)
*Not Recommended (NR)
RT = Room Temperature
RH = Relative Humidity
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
14. Overlap Shear (ASTM D-1002-64) (3M TM C-236) strengths were measured on 1 in. wide 1/2 in. overlap specimens. These bonds were
made individually using 1 in. x 4 in. pieces of substrate. The thickness of the bond line was 0.005 - 0.008 in. All strengths were measured
at 73°F (23°C) except when noted. The separation rate of the testing jaws was 0.1 in. per minute for metals, 2 in. per minute for plastics
and 20 in. per minute for rubbers. The thickness of the substrates were: steel 0.035 in.; other metals: 0.05-0.064 in.; rubbers, 0.125 in.;
plastics, 0.125 in.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com