Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1306 Datasheet(PDF) 11 Page - Dallas Semiconductor

Part # DS1306
Description  Serial Alarm Real Time Clock RTC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1306 Datasheet(HTML) 11 Page - Dallas Semiconductor

Back Button DS1306 Datasheet HTML 7Page - Dallas Semiconductor DS1306 Datasheet HTML 8Page - Dallas Semiconductor DS1306 Datasheet HTML 9Page - Dallas Semiconductor DS1306 Datasheet HTML 10Page - Dallas Semiconductor DS1306 Datasheet HTML 11Page - Dallas Semiconductor DS1306 Datasheet HTML 12Page - Dallas Semiconductor DS1306 Datasheet HTML 13Page - Dallas Semiconductor DS1306 Datasheet HTML 14Page - Dallas Semiconductor DS1306 Datasheet HTML 15Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
DS1306
11 of 20
ADDRESS AND DATA BYTES
Address and data bytes are shifted MSB first into the serial data input (SDI) and out of the serial data
output (SDO). Any transfer requires the address of the byte to specify a write or read to either a RTC or
RAM location, followed by 1 or more bytes of data. Data is transferred out of the SDO for a read
operation and into the SDI for a write operation (see figures 7 and 8).
SPI SINGLE-BYTE WRITE Figure 7
SPI SINGLE-BYTE READ Figure 8
* SCLK can be either polarity.
The address byte is always the first byte entered after CE is driven high. The most significant bit (A7) of
this byte determines if a read or write will take place. If A7 is 0, one or more read cycles will occur. If
A7 is 1, one or more write cycles will occur.
Data transfers can occur 1 byte at a time or in multiple-byte burst mode. After CE is driven high an
address is written to the DS1306. After the address, 1 or more data bytes can be written or read. For a
single-byte transfer 1 byte is read or written and then CE is driven low. For a multiple-byte transfer,
however, multiple bytes can be read or written to the DS1306 after the address has been written. Each
read or write cycle causes the RTC register or RAM address to automatically increment. Incrementing
continues until the device is disabled.
When the RTC is selected, the address wraps to 00h after
incrementing to 1Fh (during a read) and wraps to 80h after incrementing to 9Fh (during a write). When
the RAM is selected, the address wraps to 20h after incrementing to 7Fh (during a read) and wraps to
A0h after incrementing to FFh (during a write).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com