Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1306E Datasheet(PDF) 13 Page - Dallas Semiconductor

Part # DS1306E
Description  Serial Alarm Real Time Clock RTC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1306E Datasheet(HTML) 13 Page - Dallas Semiconductor

Back Button DS1306E Datasheet HTML 9Page - Dallas Semiconductor DS1306E Datasheet HTML 10Page - Dallas Semiconductor DS1306E Datasheet HTML 11Page - Dallas Semiconductor DS1306E Datasheet HTML 12Page - Dallas Semiconductor DS1306E Datasheet HTML 13Page - Dallas Semiconductor DS1306E Datasheet HTML 14Page - Dallas Semiconductor DS1306E Datasheet HTML 15Page - Dallas Semiconductor DS1306E Datasheet HTML 16Page - Dallas Semiconductor DS1306E Datasheet HTML 17Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
DS1306
13 of 20
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
-0.5V to +7.0V
Operating Temperature
0
°C to 70°C or –40°C to +85°C for Industrial (IND)
Storage Temperature
-55
°C to +125°C
Soldering Temperature
260
°C for 10 seconds (DIP)
See IPC/JEDEC Standard J-STD-020A for
Surface Mount Devices
* This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operation sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
(0
°C to 70°C or –40° to +85°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Supply Voltage VCC1, VCC2
VCC1,
VCC2
2.0
5.5
V
1, 8
Logic 1 Input
VIH
2.0
VCC+0.3
V
1
VCC=2.0V
-0.3
+0.3
Logic 0 Input
VIL
VCC=5V
-0.3
+0.8
V1
VBAT Battery Voltage
VBAT
2.0
5.5
V
1
VCCIF Supply Voltage
VCCIF
2.0
5.5
V
14
DC ELECTRICAL CHARACTERISTICS
(0
°C to 70°C or –40°C to +85°C; V
CC = 2.0 to 5.5V*)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Leakage
ILI
-100
+500
µA
Output Leakage
ILO
-1
1
µA
VCC=2.0
0.4
Logic 0 Output
VOL
VCC=5V
0.4
V2
VCCIF=2.0V
1.6
Logic 1 Output
VOH
VCCIF=5V
2.4
V12
Logic 1 Output Current (INT1 pin)
IOH,
INT1
(VCC2, VBAT)
-0.3V
-100
µA
VCC1=2.0V
0.425
VCC1 Active Supply Current
ICC1A
VCC1=5V
1.28
mA
4, 9
VCC1=2.0V
25.3
VCC1 Timekeeping Current
ICC1T
VCC1=5V
81
µA
3,9
VCC2=2.0V
0.4
VCC2 Active Supply Current
ICC2A
VCC2=5V
1.2
mA
4, 10
VCC2=2.0V
0.4
VCC2 Timekeeping Current
ICC2T
VCC2=5V
1
µA
3, 10
*Unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com