Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1306E Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1306E
Description  Serial Alarm Real Time Clock RTC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1306E Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1306E Datasheet HTML 1Page - Dallas Semiconductor DS1306E Datasheet HTML 2Page - Dallas Semiconductor DS1306E Datasheet HTML 3Page - Dallas Semiconductor DS1306E Datasheet HTML 4Page - Dallas Semiconductor DS1306E Datasheet HTML 5Page - Dallas Semiconductor DS1306E Datasheet HTML 6Page - Dallas Semiconductor DS1306E Datasheet HTML 7Page - Dallas Semiconductor DS1306E Datasheet HTML 8Page - Dallas Semiconductor DS1306E Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
DS1306
2 of 20
DESCRIPTION
The DS1306 Serial Alarm Real Time Clock provides a full BCD clock calendar which is accessed via a
simple serial interface. The clock/calendar provides seconds, minutes, hours, day, date, month, and year
information. The end of the month date is automatically adjusted for months with less than 31 days,
including corrections for leap year. The clock operates in either the 24-hour or 12-hour format with
AM/PM indicator. In addition 96 bytes of nonvolatile RAM are provided for data storage.
An interface logic power supply input pin (VCCIF) allows the DS1306 to drive SDO and 32 kHz pins to a
level that is compatible with the interface logic. This allows an easy interface to 3-volt logic in mixed
supply systems. The DS1306 offers dual power supplies as well as a battery input pin. The dual power
supplies support a programmable trickle charge circuit which allows a rechargeable energy source (such
as a super cap or rechargeable battery) to be used for a backup supply. The VBAT pin allows the device to
be backed up by a non-rechargeable battery. The DS1306 is fully operational from 2.0 to 5.5 volts.
Two programmable time of day alarms are provided by the DS1306.
Each alarm can generate an
interrupt on a programmable combination of seconds, minutes, hours, and day. “Don’t care” states can be
inserted into one or more fields if it is desired for them to be ignored for the alarm condition. A 1 Hz and
a 32 kHz clock output are also available.
The DS1306 supports a direct interface to Motorola SPI serial data ports or standard 3-wire interface. An
easy-to-use address and data format is implemented in which data transfers can occur 1 byte at a time or
in multiple-byte burst mode.
OPERATION
The block diagram in Figure 1 shows the main elements of the Serial Alarm RTC.
The following
paragraphs describe the function of each pin.
DS1306 BLOCK DIAGRAM Figure 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com