Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP45DT01TR Datasheet(PDF) 7 Page - STMicroelectronics

Part # MP45DT01TR
Description  MEMS audio sensor omni-directional digital microphone
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MP45DT01TR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button MP45DT01TR Datasheet HTML 3Page - STMicroelectronics MP45DT01TR Datasheet HTML 4Page - STMicroelectronics MP45DT01TR Datasheet HTML 5Page - STMicroelectronics MP45DT01TR Datasheet HTML 6Page - STMicroelectronics MP45DT01TR Datasheet HTML 7Page - STMicroelectronics MP45DT01TR Datasheet HTML 8Page - STMicroelectronics MP45DT01TR Datasheet HTML 9Page - STMicroelectronics MP45DT01TR Datasheet HTML 10Page - STMicroelectronics MP45DT01TR Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
MP45DT01
Application hints
Doc ID 17801 Rev 1
7/11
4
Application hints
Figure 2.
MP45DT01 electrical connection
Figure 3.
MP45DT01 electrical connection for stereo configuration
Power supply decoupling capacitors (100 nF ceramic, 10 µF ceramic) should be placed as
near as possible to the pin 6 of the device (common design practice).
L/R pin must be connected to Vdd or GND (refer to
Table 2).
Vdd
1
2
3
4
5
6
CLK
Do ut
10µF
10 0nF
L/R
AM07927V1
Dou t
CODEC
Vdd
Vdd
10 µF
100 nF
MIC 1
MIC 2
Dout
AM07928V1
1
2
3
4
5
6
1
2
3
4
5
6
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com