Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP45DT01TR Datasheet(PDF) 5 Page - STMicroelectronics

Part # MP45DT01TR
Description  MEMS audio sensor omni-directional digital microphone
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MP45DT01TR Datasheet(HTML) 5 Page - STMicroelectronics

  MP45DT01TR Datasheet HTML 1Page - STMicroelectronics MP45DT01TR Datasheet HTML 2Page - STMicroelectronics MP45DT01TR Datasheet HTML 3Page - STMicroelectronics MP45DT01TR Datasheet HTML 4Page - STMicroelectronics MP45DT01TR Datasheet HTML 5Page - STMicroelectronics MP45DT01TR Datasheet HTML 6Page - STMicroelectronics MP45DT01TR Datasheet HTML 7Page - STMicroelectronics MP45DT01TR Datasheet HTML 8Page - STMicroelectronics MP45DT01TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MP45DT01
Acoustic and electrical specifications
Doc ID 17801 Rev 1
5/11
2.2
Absolute maximum ratings
Stresses above those listed as “Absolute maximum ratings” may cause permanent damage
to the device. This is a stress rating only and functional operation of the device under these
conditions is not implied. Exposure to maximum rating conditions for extended periods may
affect device reliability.
2.3
Frequency response
Table 5.
Absolute maximum ratings
Symbol
Ratings
Maximum value
Unit
Vdd
Supply voltage
-0.3 to 6
V
Vin
Input voltage on any control pin
-0.3 to Vdd +0.3
V
TSTG
Storage temperature range
-40 to +125
°C
ESD
Electrostatic discharge protection
2(HBM)
kV
This is a mechanical shock sensitive device, improper handling can cause permanent
damages to the part
This is an ESD sensitive device, improper handling can cause permanent damages to
the part
Table 6.
Frequency Response Mask for digital microphones (1)
1.
@ T=20°C and acoustic stimulus =1Pa (94dB SPL)
Frequency / Hz
Lower limit
Upper limit
Unit
20...100
-5
+5
dBr 1kHz
100...8000
-2
+2
dBr 1kHz
8000...10000
-5
+5
dBr 1kHz
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com