Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSOD120LSH Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # CSOD120LSH
Description  1.0Amp. Surface Mount Schottky Barrier Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

CSOD120LSH Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  CSOD120LSH Datasheet HTML 1Page - Cystech Electonics Corp. CSOD120LSH Datasheet HTML 2Page - Cystech Electonics Corp. CSOD120LSH Datasheet HTML 3Page - Cystech Electonics Corp. CSOD120LSH Datasheet HTML 4Page - Cystech Electonics Corp. CSOD120LSH Datasheet HTML 5Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CYStech Electronics Corp.
Spec. No. : C300SH
Issued Date : 2012.07.27
Revised Date
Page No. : 1/5
CSOD120LSH
CYStek Product Specification
1.0Amp. Surface Mount Schottky Barrier Diodes
CSOD120LSH
Features
• For surface mounted applications.
• For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications
• Plastic material used carries Underwriters Laboratory Flammability Classification 94V-0
• Low leakage current
• High surge capability
• High temperature soldering: 250°C/10 seconds at terminals
• Exceeds environmental standards of MIL-S-19500/228
• RoHS compliant package
Mechanical Data
• Case: Molded plastic, JEDEC SOD-123.
• Terminals: Pure tin plated, solderable per MIL-STD-202 method 208
• Polarity: Indicated by cathode band.
• Weight: 0.04 gram approximately
Maximum Ratings and Electrical Characteristics
(
Rating at 25
°C ambient temperature unless otherwise specified.)
Parameter
Symbol
Limits
Units
Repetitive peak reverse voltage
VRRM
20
V
Maximum RMS voltage
VRMS
14
V
Maximum DC blocking voltage
VR
20
V
Maximum instantaneous forward voltage, IF=1A (Note 1)
VF
0.45
V
Average forward rectified current
IO
1
A
Peak forward surge current @8.3ms single half sine wave
superimposed on rated load (JEDEC method)
IFSM
10
A
Maximum DC reverse current
VR=VRRM,TJ=25℃(Note 1)
VR=VRRM,TJ=100℃(Note 1)
IR
0.3
10
mA
mA
Maximum thermal resistance, Junction to ambient
Rth,JA
250(typ)
℃
/W
Diode junction capacitance @ f=1MHz and applied 5V
reverse voltage
CD
35 (typ)
pF
Storage temperature range
Tstg
-65 ~ +150
℃
Operating temperature range
TJ
-50 ~ +100
℃
Notes : 1.Pulse test, pulse width=300μsec, 2% duty cycle


Similar Part No. - CSOD120LSH

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
CSOD120 CYSTEKEC-CSOD120 Datasheet
141Kb / 3P
1.0Amp. Surface Mount Schottky Barrier Diodes
CSOD120-1100SF CYSTEKEC-CSOD120-1100SF Datasheet
141Kb / 3P
1.0Amp. Surface Mount Schottky Barrier Diodes
CSOD120-1100SH CYSTEKEC-CSOD120-1100SH Datasheet
356Kb / 6P
1.0Amp. Surface Mount Schottky Barrier Diodes
CSOD1200SH CYSTEKEC-CSOD1200SH Datasheet
237Kb / 5P
1.0Amp. Surface Mount Schottky Barrier Diodes
More results

Similar Description - CSOD120LSH

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
CSMA581XSA CYSTEKEC-CSMA581XSA Datasheet
142Kb / 3P
1.0Amp. Surface Mount Schottky Barrier Diodes
CSMASS1XAS CYSTEKEC-CSMASS1XAS Datasheet
145Kb / 3P
1.0Amp. Surface Mount Schottky Barrier Diodes
SK1XSA CYSTEKEC-SK1XSA Datasheet
87Kb / 3P
1.0Amp. Surface Mount Schottky Barrier Diodes
CSOD1100SH CYSTEKEC-CSOD1100SH Datasheet
223Kb / 4P
1.0Amp. Surface Mount Schottky Barrier Diodes
CSOD5819S2 CYSTEKEC-CSOD5819S2 Datasheet
258Kb / 6P
1.0Amp. Surface Mount Schottky Barrier Diodes
SK1BSA CYSTEKEC-SK1BSA Datasheet
235Kb / 6P
1.0Amp. Surface Mount Schottky Barrier Diodes
SK1XSB CYSTEKEC-SK1XSB Datasheet
199Kb / 5P
1.0Amp. Surface Mount Schottky Barrier Diodes
SK16SA CYSTEKEC-SK16SA Datasheet
359Kb / 6P
1.0Amp. Surface Mount Schottky Barrier Diodes
SK14SB CYSTEKEC-SK14SB Datasheet
199Kb / 5P
1.0Amp. Surface Mount Schottky Barrier Diodes
SK12SA CYSTEKEC-SK12SA Datasheet
359Kb / 6P
1.0Amp. Surface Mount Schottky Barrier Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com