Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSOD120LSH Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # CSOD120LSH
Description  1.0Amp. Surface Mount Schottky Barrier Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

CSOD120LSH Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  CSOD120LSH Datasheet HTML 1Page - Cystech Electonics Corp. CSOD120LSH Datasheet HTML 2Page - Cystech Electonics Corp. CSOD120LSH Datasheet HTML 3Page - Cystech Electonics Corp. CSOD120LSH Datasheet HTML 4Page - Cystech Electonics Corp. CSOD120LSH Datasheet HTML 5Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CYStech Electronics Corp.
Spec. No. : C300SH
Issued Date : 2012.07.27
Revised Date
Page No. : 2/5
CSOD120LSH
CYStek Product Specification
Characteristic Curves
Fig. 1 Forward Current Derating Curve
0
0.2
0.4
0.6
0.8
1
1.2
0
25
50
75
100
125
150
Case Temperature---TC(℃)
resistive or inductive load
0.375"(9.5mm) lead length
Fig 2. Forward Characteristics
10
100
1000
10000
0
0.2
0.4
0.6
0.8
1
Forward Voltage---VF(V)
Pulse width=300μs,
1% Duty cycle
100°C, 75°C, 25°C, 0°C, -40°C
Fig. 3 Typical Junction Capacitance
10
100
1000
0.1
1
10
100
Reverse Voltage---VR(V)
Tj=25℃, f=1.0MHz
Vsig=50mVp-p
Fig. 4 Typical Reverse Characteristics
1
10
100
1000
10000
0
5
10
15
20
Reverse Voltage---VR(V)
Tj=75℃
Tj=25℃
Tj=100℃
Tj=0°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com