Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1616 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1616
Description  Temperature and Three Input MUX?셞d 8-bit Data Recorder
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1616 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1616 Datasheet HTML 1Page - Dallas Semiconductor DS1616 Datasheet HTML 2Page - Dallas Semiconductor DS1616 Datasheet HTML 3Page - Dallas Semiconductor DS1616 Datasheet HTML 4Page - Dallas Semiconductor DS1616 Datasheet HTML 5Page - Dallas Semiconductor DS1616 Datasheet HTML 6Page - Dallas Semiconductor DS1616 Datasheet HTML 7Page - Dallas Semiconductor DS1616 Datasheet HTML 8Page - Dallas Semiconductor DS1616 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
DS1616
2 of 29
DESCRIPTION
The DS1616 is an integrated temperature/data recorder.
It combines a Real Time Clock (RTC),
temperature sensor, and a three input mux’ed 8-bit Analog-to-Digital Converter (ADC). Datalogging is
supported for all four data channels and the and histogram functionality is supported for the temperature
sensor and ADC Channel 1 only. A programmable sample rate feature makes the device ideal for
applications requiring datalogging over short or long time frames.
The RTC provides seconds, minutes, hours, day, date, month, and year information with leap year
compensation, Year 2000 compliance, and also provides an alarm interrupt. Temperature measurement is
provided via integrated thermal technology which can measure temperatures from -40
°C to +85°C in
0.5
°C increments. An integrated three input mux’ed 8-bit ADC allows the device to record data from
other types of sensors.
The datalog function simply samples data at a user-defined sample rate and writes the data to the Datalog
memory. A total of 2048 bytes of data may be recorded. If only one data channel is selected, a total of
2048 samples can be recorded for that channel. If two channels are enabled, each channel can record
1024 samples. If three or four channels are enabled, each channel can record 512 samples. In the case of
only three channels enabled, the location corresponding to the disabled channel will be 0 to allow the roll-
over function to work smoothly.
Histogram functionality is provided for the Thermal Sensor and ADC Channel 1, and is implemented by
sampling the data and then incrementing the count value in a data bin associated with that value. The
DS1616 provides 63 2-byte data bins in 2
°C increments for the temperature channel and 64 2-byte data
bins in 4-bit resolution steps (32mV/bin) for the ADC Data Channel 1. The sampling rate can be
programmed at intervals ranging from once per minute to once every 255 minutes.
The DS1616 provides programmable high- and low-temperature alarm trip points that allow the device to
monitor whether the temperature stays within desired limits. Likewise, high- and low- trip points can be
programmed for the ADC data. The device can drive an interrupt or status pin if the ADC data falls
outside of the programmable limits. The Temperature Sensor and Channel 1 of the ADC can also have
any event that falls outside of the programmed limits recorded with a time and date stamp and the
duration of the out-of-limits condition for additional analysis in the Alarm Memory. The DS1616 can be
programmed to begin sampling data via a pushbutton input or via a command sent over the serial
interface by a host machine.
A 64-bit serial number is available for unique product identification and tracking.
OVERVIEW
The block diagram in Figure 1 shows the relationship between the major control and memory sections of
the DS1616. The device has six major data components: 1) Real Time Clock and control blocks, 2)
32-byte User NV RAM with 64-bit lasered serial number, 3) 96 bytes of alarm event/duration memory, 4)
128 bytes of temperature histogram RAM, 5) 128 bytes of ADC Channel 1 data histogram RAM, and 6)
2048 bytes of datalog memory. All memory is arranged in a single linear address space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com