Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1616 Datasheet (PDF) - Dallas Semiconductor

DS1616 Datasheet PDF - Dallas Semiconductor
Part # DS1616
Download  DS1616 Download
File Size   194.74 Kbytes
Page   29 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Temperature and Three Input MUX?셞d 8-bit Data Recorder

DS1616 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1616 Datasheet PDF - Dallas Semiconductor

Part # DS1616
Download  DS1616 Click to download

File Size   194.74 Kbytes
Page   29 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Temperature and Three Input MUX?셞d 8-bit Data Recorder

DS1616 Datasheet (HTML) - Dallas Semiconductor


DS1616 Product details

DESCRIPTION
The DS1616 is an integrated temperature/data recorder. It combines a Real Time Clock (RTC), temperature sensor, and a three input mux’ed 8-bit Analog-to-Digital Converter (ADC). Datalogging is supported for all four data channels and the and histogram functionality is supported for the temperature sensor and ADC Channel 1 only. A programmable sample rate feature makes the device ideal for applications requiring datalogging over short or long time frames.

FEATURES
■ Measures four channels of data:
    − Integrated 8-bit temperature sensor,
    − Integrated 8-bit Analog-to-Digital Converter (ADC) with a three input mux for measuring up to three external sensors
■ Digital thermometer measures temperature -40°C to +85°C in 0.5°C increments (-40°F to +183.2°F in 0.9°F increments)
■ Digital thermometer provides ±2°C accuracy
■ Real Time Clock/Calendar in BCD format counts seconds, minutes, hours, date, month, day of the week, and year with leap year compensation. The Real Time Clock is fully Y2K-compliant
■ Automatically wakes up and measures temperature and/or ADC data at userprogrammable intervals from 1 to 255 minutes
■ 2048-byte datalog memory
■ Records long-term temperature histogram in 63 bins with 2.0°C resolution
■ Records long-term ADC data histogram in 64 bins with 4-bit resolution/bin (32 mV/bin) for ADC Channel One
■ Programmable temperature-high and -low alarm trip points
■ Programmable ADC data-high and -low alarm trip points
■ Records time stamp and duration when temperature or ADC Channel 1 Data leaves the interval specified by the trip points
■ Two serial interface options: synchronous and asynchronous
- 3-wire synchronous serial interface
- Asynchronous serial interface compatible with standard UARTs
■ Memory partitioned into 32 byte pages for packetizing data
■ On-chip 16-bit CRC generator to safeguard data read operations in asynchronous communications mode
■ Unique, factory lasered 64-bit serial number




Similar Part No. - DS1616

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1616 MAXIM-DS1616 Datasheet
308Kb / 28P
Temperature and Three-Input Muxed 8-Bit Data Recorder
081902
DS1616S MAXIM-DS1616S Datasheet
308Kb / 28P
Temperature and Three-Input Muxed 8-Bit Data Recorder
081902
More results


Similar Description - DS1616

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7195 AD-ADV7195 Datasheet
556Kb / 36P
Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs and 10-Bit Data Input
REV.A
ADV7196A AD-ADV7196A Datasheet
501Kb / 36P
Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs, 10-Bit Data Input, and Macrovision
REV.0
logo
Dallas Semiconductor
DS1615 DALLAS-DS1615 Datasheet
199Kb / 24P
Temperature Recorder
logo
Extech Instruments Corp...
RH520 EXTECH-RH520 Datasheet
389Kb / 15P
Humidity-Temperature Chart Recorder
logo
Holtek Semiconductor In...
HT83F22 HOLTEK-HT83F22 Datasheet
2Mb / 158P
A/D Type Recorder 8-Bit Flash MCU
logo
Integrated Device Techn...
ICS552-02 IDT-ICS552-02 Datasheet
109Kb / 7P
LOW SKEW 2 INPUT MUX AND 1 TO 8 CLOCK BUFFER Industrial temperature
logo
Analog Devices
ADV7195 AD-ADV7195_15 Datasheet
562Kb / 36P
Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs and 10-Bit Data Input
REV. A
ADV7196A AD-ADV7196A_15 Datasheet
533Kb / 36P
Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs, 10-Bit Data Input, and Macrovision
REV. 0
logo
Maxim Integrated Produc...
DS1616 MAXIM-DS1616 Datasheet
308Kb / 28P
Temperature and Three-Input Muxed 8-Bit Data Recorder
081902
DS1615 MAXIM-DS1615 Datasheet
323Kb / 24P
Temperature Recorder
122800
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com