Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM5103NA Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part # EM5103NA
Description  3A Low Dropout LDO
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

EM5103NA Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  EM5103NA Datasheet HTML 1Page - Cystech Electonics Corp. EM5103NA Datasheet HTML 2Page - Cystech Electonics Corp. EM5103NA Datasheet HTML 3Page - Cystech Electonics Corp. EM5103NA Datasheet HTML 4Page - Cystech Electonics Corp. EM5103NA Datasheet HTML 5Page - Cystech Electonics Corp. EM5103NA Datasheet HTML 6Page - Cystech Electonics Corp. EM5103NA Datasheet HTML 7Page - Cystech Electonics Corp. EM5103NA Datasheet HTML 8Page - Cystech Electonics Corp. EM5103NA Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CYStech Electronics Corp.
Spec. No. : C554QP
Issued Date : 2010.11.17
Revised Date :
Page No. : 3/12
EM5103
CYStek Product Specification
Function Block Diagram
Absolute Maximum Ratings (Note 1)
●VIN ---------------------------------------------------------------------------------------------- -0.3V to +6.0V
●VCNTL (Note 1)----------------------------------------------------------------------------------- -0.3V to +6.0V
●Other Pins---------------------------------------------------------------------------- -0.3V to (VCNTL+0.3V)
●Package Thermal Resistance, θJA, PSOP-8 (Note 2) ------------------------------------------- 75°C/W
DFN3×3-10L
------------------------------------------- 60°C/W
●Package Thermal Resistance, θJC, PSOP-8 (Note 2) ------------------------------------------- 15°C/W
●Power Dissipation, PD @ TA = 25°C, PSOP-8 (Note 3) -------------------------------------------- 1.9W
DFN3×3-10L
------------------------------------------- 1.67W
●Junction Temperature--------------------------------------------------------------------------------
150°C
●Lead Temperature (Soldering, 10 sec.)------------------------------------------------------------
260°C
●Storage Temperature ----------------------------------------------------------------------- -65°C to 150°C
●ESD susceptibility (Note4)
HBM (Human Body Mode)-------------------------------------------------------------------------
2KV
MM (Machine Mode)--------------------------------------------------------------------------------- 200V
Recommended Operating Conditions (Note5)
Supply Input Voltage, VIN --------------------------------------------------------------------
1.0V to VCNTL
Control Voltage, VCNTL ------------------------------------------------------------------------
3.0V to 5.5V
Junction Temperature -----------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature -------------------------------------------------------------------------
 −40°C to 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com