Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM5103NA Datasheet(PDF) 6 Page - Cystech Electonics Corp.

Part # EM5103NA
Description  3A Low Dropout LDO
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

EM5103NA Datasheet(HTML) 6 Page - Cystech Electonics Corp.

Back Button EM5103NA Datasheet HTML 2Page - Cystech Electonics Corp. EM5103NA Datasheet HTML 3Page - Cystech Electonics Corp. EM5103NA Datasheet HTML 4Page - Cystech Electonics Corp. EM5103NA Datasheet HTML 5Page - Cystech Electonics Corp. EM5103NA Datasheet HTML 6Page - Cystech Electonics Corp. EM5103NA Datasheet HTML 7Page - Cystech Electonics Corp. EM5103NA Datasheet HTML 8Page - Cystech Electonics Corp. EM5103NA Datasheet HTML 9Page - Cystech Electonics Corp. EM5103NA Datasheet HTML 10Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
CYStech Electronics Corp.
Spec. No. : C554QP
Issued Date : 2010.11.17
Revised Date :
Page No. : 6/12
EM5103
CYStek Product Specification
Typical Operating Characteristics
Power On from VCNTL
Power On from VIN
VCNTL =5V, VIN = 3.3V, COUT = 1000μF, No Load. VCNTL =5V, VIN = 3.3V, COUT = 1000μF, No Load.
Turn On from EN
VCNTL
VOUT
Dropout Voltage vs Output Current
VCNTL =5V, VIN = 3.3V, COUT = 1000μF, No Load.
VCNTL=5V, VOUT=1.6V
Output Short Circuit
Output Voltage vs Output Current
VIN =VCNTL=5V, VOUT=VREF
VCNTL = VIN = 5V, VOUT=1.0V
POK
IIN
VIN
VOUT
POK
IIN
VEN
POK
IIN
VOUT
Output Current(A)
0A
1A
2A
3A
4A
5A
0.8V
0.6V
0.4V
0.2V
0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com