Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSCLL036A Datasheet(PDF) 14 Page - NICHIA CORPORATION

Part # NSCLL036A
Description  SPECIFICATIONS FOR WARM WHITE LED
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSCLL036A Datasheet(HTML) 14 Page - NICHIA CORPORATION

Back Button NSCLL036A Datasheet HTML 10Page - NICHIA CORPORATION NSCLL036A Datasheet HTML 11Page - NICHIA CORPORATION NSCLL036A Datasheet HTML 12Page - NICHIA CORPORATION NSCLL036A Datasheet HTML 13Page - NICHIA CORPORATION NSCLL036A Datasheet HTML 14Page - NICHIA CORPORATION NSCLL036A Datasheet HTML 15Page - NICHIA CORPORATION NSCLL036A Datasheet HTML 16Page - NICHIA CORPORATION NSCLL036A Datasheet HTML 17Page - NICHIA CORPORATION NSCLL036A Datasheet HTML 18Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
NICHIA STS-DA1-2673B <Cat.No.130531>
13
FORWARD CURRENT CHARACTERISTICS / TEMPERATURE CHARACTERISTICS
管理番号
No.
NSCLL036A
STS-DA7-4312
Taxy
0.36
0.37
0.38
0.39
0.40
0.36
0.37
0.38
0.39
0.40
-40°C
25°C
100°C
x
Ifxy
0.36
0.37
0.38
0.39
0.40
0.36
0.37
0.38
0.39
0.40
20mA
100mA
160mA
300mA
450mA
x
160mA
IFP=
周囲温度-色度特性
Ambient Temperature vs
Chromaticity Coordinate
順電流-色度特性
Forward Current vs
Chromaticity Coordinate
T
A=25°C
* 本特性は参考です。
All characteristics shown are for reference only and are not guaranteed.
* 本特性は演色性ランクR70に対応しています。
The graphs above show the characteristics for R70 LEDs of this product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com