Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSCLL036A Datasheet(PDF) 2 Page - NICHIA CORPORATION

Part # NSCLL036A
Description  SPECIFICATIONS FOR WARM WHITE LED
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSCLL036A Datasheet(HTML) 2 Page - NICHIA CORPORATION

  NSCLL036A Datasheet HTML 1Page - NICHIA CORPORATION NSCLL036A Datasheet HTML 2Page - NICHIA CORPORATION NSCLL036A Datasheet HTML 3Page - NICHIA CORPORATION NSCLL036A Datasheet HTML 4Page - NICHIA CORPORATION NSCLL036A Datasheet HTML 5Page - NICHIA CORPORATION NSCLL036A Datasheet HTML 6Page - NICHIA CORPORATION NSCLL036A Datasheet HTML 7Page - NICHIA CORPORATION NSCLL036A Datasheet HTML 8Page - NICHIA CORPORATION NSCLL036A Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
NICHIA STS-DA1-2673B <Cat.No.130531>
1
SPECIFICATIONS
(1) Absolute Maximum Ratings
Item
Symbol
Absolute Maximum Rating
Unit
Forward Current
IF
300
mA
Pulse Forward Current
IFP
450
mA
Allowable Reverse Current
IR
85
mA
Power Dissipation
PD
12
W
Operating Temperature
Topr
-40~100
°C
Storage Temperature
Tstg
-40~100
°C
Junction Temperature
TJ
130
°C
* Absolute Maximum Ratings at TC=25°C.
* IFP conditions with pulse width ≤10ms and duty cycle ≤10%.
* The operating Temperature (Topr) range is the range of case temperatures.
(2) Initial Electrical/Optical Characteristics
Item
Symbol
Condition
Typ
Max
Unit
Forward Voltage
VF
IF=160mA
36.3
-
V
Luminous Flux
Φv
IF=160mA
805
-
lm
Color Rendering Index
Ra
IF=160mA
73
-
-
x
-
IF=160mA
0.3818
-
-
R70
Chromaticity Coordinate
y
-
IF=160mA
0.3797
-
-
Luminous Flux
Φv
IF=160mA
690
-
lm
Color Rendering Index
Ra
IF=160mA
83
-
-
x
-
IF=160mA
0.4338
-
-
R8000
Chromaticity Coordinate
y
-
IF=160mA
0.4030
-
-
Thermal Resistance
RθJC
-
3.5
3.9
°C/W
* Characteristics at TC=25°C.
* Luminous Flux value as per CIE 127:2007 standard.
* Chromaticity Coordinates as per CIE 1931 Chromaticity Chart.
* RθJC is Thermal Resistance from junction to TC measuring point.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com