Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP1FD210TP Datasheet(PDF) 1 Page - Sharp Corporation

Part # GP1FD210TP
Description  Low voltage Operation Optical Mini-jack for Digital Audio
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1FD210TP Datasheet(HTML) 1 Page - Sharp Corporation

  GP1FD210TP Datasheet HTML 1Page - Sharp Corporation GP1FD210TP Datasheet HTML 2Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
(Notice)
•In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment
using any SHARP devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before
using any SHARP device.
•Specifications are subject to change without notice for improvement.
(Internet)
•Data for Sharp's optoelectronic/power devices is provided on internet. (Address http://sharp-world.com/ecg/)
Under development
New product
GP1FD210TP/GP1FD310TP
Fiber Optic Transmitter
1
2
3
4
5
6
7
8
9
Jack terminal
Jack body
Device terminal
(Internal connection)
Device terminal
Jack terminal configuration
1
4
2
3
5
7
Vcc
9
Vin
8
GND
10
LED
Drive
IC
Low voltage Operation Optical Mini-jack for Digital Audio
Features
(1) Compact (adoption of compact jack for mini
plug) JIS C 6560
(2) Optical digital signal and electric analog
signal can be discriminated and transmitted.
(3) High speed data transmission
Signal transmission speed: MAX. 8Mbps
(NRZ signal)
(4) Low voltage operation
GP1FD210TP : Vcc=2.3 to 2.8V
GP1FD310TP : Vcc=2.7 to 3.6 V
(1) MD players
(2) Portable CD players
Applications
(Ta=25˚C)
Fiber coupling light output
Specifications
Outline Dimensions
(Unit: mm)
As of September, 2001
E2-010603-A
1/1
s
6.9
3.65
7.95
5
4
6
1
3
3.2 3.4
3.85
2.85
7
8
9
2
17.5
φ3.6
2
22
7.5
10
Operating voltage
Vcc
2.3 to 2.8 V
MAX. 10 mA
2.7 to 3.6 V
MAX. 12 mA
TYP. 660 nm
Icc
λp
Pc
Operatin transfer tate
Peak emisson wavelength
T
MIN. -21 dBm
MAX. 8 Mbps
Jitter
∆tj
TYP. 1 ns
Operating temperature
Topr
-20 to +70 ˚C
GP1FD210TP
GP1FD310TP
Paramter
Symbol
Ratings
Dissipation current


Similar Part No. - GP1FD210TP

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1F31R SHARP-GP1F31R Datasheet
128Kb / 8P
Light Transmitting/Receiving Units
GP1F31T SHARP-GP1F31T Datasheet
128Kb / 8P
Light Transmitting/Receiving Units
GP1F32R SHARP-GP1F32R Datasheet
128Kb / 8P
Light Transmitting/Receiving Units
GP1F32T SHARP-GP1F32T Datasheet
128Kb / 8P
Light Transmitting/Receiving Units
GP1F33RR SHARP-GP1F33RR Datasheet
128Kb / 8P
Light Transmitting/Receiving Units
More results

Similar Description - GP1FD210TP

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1F351T SHARP-GP1F351T Datasheet
96Kb / 7P
Optical Mini-Jack for Digital Audio Equipment
GP1F361T SHARP-GP1F361T Datasheet
95Kb / 7P
Optical Mini-Jack for Digital Audio Equipment
logo
Panasonic Semiconductor
MN3304 PANASONIC-MN3304 Datasheet
55Kb / 5P
512-Stage Ultra Low Voltage Operation BBD for Audio Signals
MN3308 PANASONIC-MN3308 Datasheet
55Kb / 5P
2048-Stage Ultra Low Voltage Operation BBD for Audio Signals
logo
Mitsumi Electronics, Co...
MM1349 MITSUMI-MM1349 Datasheet
76Kb / 3P
Utilizing Technology for Low-Voltage Operation
logo
Panasonic Semiconductor
MN3307 PANASONIC-MN3307 Datasheet
61Kb / 5P
1024-Stage Ultra Low Voltage Operation BBD for Audio Signals
MN3306 PANASONIC-MN3306 Datasheet
57Kb / 5P
128-Stage Ultra Low Voltage Operation BBD for Audio Signals
MN3309 PANASONIC-MN3309 Datasheet
57Kb / 5P
256-Stage Ultra Low Voltage Operation BBD for Audio Signals
logo
Dubilier
DBCMD0508-4 DUBILIER-DBCMD0508-4 Datasheet
446Kb / 1P
AUDIO PCB MINI JACK DIN SOCKETS
DBCMD0508-4 DUBILIER-DBCMD0508-4_11 Datasheet
779Kb / 3P
AUDIO PCB MINI JACK DIN SOCKETS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com