Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPM6530T-R68M140 Datasheet(PDF) 2 Page - TDK Electronics

Part # SPM6530T-R68M140
Description  SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

SPM6530T-R68M140 Datasheet(HTML) 2 Page - TDK Electronics

  SPM6530T-R68M140 Datasheet HTML 1Page - TDK Electronics SPM6530T-R68M140 Datasheet HTML 2Page - TDK Electronics SPM6530T-R68M140 Datasheet HTML 3Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
(2/3)
002-02 / 20101130 / e531_spm6530.fm
• All specifications are subject to change without notice.
ELECTRICAL CHARACTERISTICS
∗ Rated current: Value obtained when current flows and the temperature has risen to 40°C or when DC current flows and the nominal value of inductance
has fallen by 20%, whichever is smaller.
• Operating temperature range: –40 to +125°C (Including self-temperature rise)
• The cleaning agent can not be used for these parts.
TYPICAL ELECTRICAL CHARACTERISTICS
INDUCTANCE CHANGE vs. DC SUPERPOSITION CHARACTERISTICS
SPM6530T-R25M230
SPM6530T-R47M170
SPM6530T-R68M140
SPM6530T-1R0M120
SPM6530T-1R5M100
SPM6530T-2R2M
Part No.
Inductance
(µH)
Tolerance
(%)
Test frequency
(kHz)
DC resistance(m
Ω )
Rated current(A)∗
max.
typ.
Based on inductance
change typ.
Based on temperature
rise typ.
SPM6530T-R25M230
0.25
±20
100
2.31
2.1
28.5
23
SPM6530T-R47M170
0.47
±20
100
3.63
3.3
20.5
20
SPM6530T-R68M140
0.68
±20
100
5.39
4.9
16.6
16
SPM6530T-1R0M120
1
±20
100
7.81
7.1
14.1
13
SPM6530T-1R5M100
1.5
±20
100
10.67
9.7
11.5
11
SPM6530T-2R2M
2.2
±20
100
19
17.3
8.4
8.2
SPM6530T-3R3M
3.3
±20
100
29.7
27
7.3
6.8
SPM6530T-4R7M
4.7
±20
100
39.4
35.8
6.2
5.6
0.0
0.1
0.2
0.3
0.4
DC current(A)
010
20
30
40
DC current(A)
010
20
30
40
0.0
0.2
0.4
0.6
0.8
DC current(A)
0
10203040
0.0
0.2
0.4
0.6
0.8
DC current(A)
010
20
30
40
0.0
0.5
1.0
1.5
DC current(A)
010
20
30
0.0
0.5
1.0
1.5
2.0
DC current(A)
0.0
1.0
2.0
3.0
0
5
10
15



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com