Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPM6530T-R68M140 Datasheet(PDF) 3 Page - TDK Electronics

Part # SPM6530T-R68M140
Description  SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

SPM6530T-R68M140 Datasheet(HTML) 3 Page - TDK Electronics

  SPM6530T-R68M140 Datasheet HTML 1Page - TDK Electronics SPM6530T-R68M140 Datasheet HTML 2Page - TDK Electronics SPM6530T-R68M140 Datasheet HTML 3Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
(3/3)
002-02 / 20101130 / e531_spm6530.fm
• All specifications are subject to change without notice.
TYPICAL ELECTRICAL CHARACTERISTICS
INDUCTANCE CHANGE vs. DC SUPERPOSITION CHARACTERISTICS
SPM6530T-3R3M
SPM6530T-4R7M
TEST CIRCUIT
PACKAGING STYLES
REEL DIMENSIONS
TAPE DIMENSIONS
DC current(A)
0
5
10
15
0.0
1.0
2.0
3.0
4.0
5.0
DC current(A)
0
5
10
15
0.0
2.0
4.0
6.0
A
CH
C
LX
–
+
ø13.0
±0.2
ø21.0
±0.8
ø330
±2
2.0
±0.5
22.4max.
2.0
±0.5
Dimensions in mm
16.4
+2
–0
Quantity 1000
Trailer
As required
Leader
530 (ref.)
210 min.
22 pocket min.
(264 min.)
14 pocket min.
(168 min.)
Dimensions in mm
Top tape
leader
Unwinding direction



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com