Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1802 Datasheet(PDF) 13 Page - Dallas Semiconductor

Part # DS1802
Description  Dual Audio Taper Potentiometer With Pushbutton Control
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1802 Datasheet(HTML) 13 Page - Dallas Semiconductor

Back Button DS1802 Datasheet HTML 9Page - Dallas Semiconductor DS1802 Datasheet HTML 10Page - Dallas Semiconductor DS1802 Datasheet HTML 11Page - Dallas Semiconductor DS1802 Datasheet HTML 12Page - Dallas Semiconductor DS1802 Datasheet HTML 13Page - Dallas Semiconductor DS1802 Datasheet HTML 14Page - Dallas Semiconductor DS1802 Datasheet HTML 15Page - Dallas Semiconductor DS1802 Datasheet HTML 16Page - Dallas Semiconductor DS1802 Datasheet HTML 17Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
DS1802
101999
13 of 17
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
-0.7V to +7.0V
Operating Temperature
-40° to +85°C
Storage Temperature
-55°C to +125°C
Soldering Temperature
260°C for 10 seconds
* This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operation sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
(-40
°C to +85°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Supply Voltage
VCC
+2.7
5.5
V
1
Input Logic 1
VIH
2.0
VCC+0.5
V
1,2
Input Logic 0
VIL
-0.5
+0.8
V
1,2
Resistor Inputs
L,H,W
GND-0.5
GND+0.5
V
2
Analog Ground
AGND
GND-0.5
GND+0.5
V
14
DC ELECTRICAL CHARACTERISTICS
(-40
°C to +85°C; V
CC=2.7V to 5.5V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Supply Current
ICC
2000
µA
12
Input Leakage
ILI
-1
+1
µA
3
Wiper Resistance
RW
400
1000
Ω
Wiper Current
IW
1
mA
Logic 1 Output Current @2.4V
IOH
-1.0
mA
2
Logic 0 Output Current @0.4V
IOL
4
mA
2
Standby Current:
3 Volts
5 Volts
22
42
80
µA
µA
15
Power-Up Time
tPU
50
ms
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com