Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2570A Datasheet(PDF) 2 Page - NEC

Part # 2SC2570A
Description  HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC2570A Datasheet(HTML) 2 Page - NEC

  2SC2570A Datasheet HTML 1Page - NEC 2SC2570A Datasheet HTML 2Page - NEC 2SC2570A Datasheet HTML 3Page - NEC 2SC2570A Datasheet HTML 4Page - NEC 2SC2570A Datasheet HTML 5Page - NEC 2SC2570A Datasheet HTML 6Page - NEC 2SC2570A Datasheet HTML 7Page - NEC 2SC2570A Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Data Sheet P10404EJ3V0DS00
2
2SC2570A
ELECTRICAL CHARACTERISTICS (TA = +25 °C)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
DC Current Gain
hFE
Note 1
VCE = 10 V, IC = 20 mA
40
–
200
–
Gain Bandwidth Product
fT
VCE = 10 V, IC = 20 mA
–
5.0
–
GHz
Output Capacitance
COb
Note 2
VCB = 10 V, IE = 0, f = 1.0 MHz
–
0.7
0.9
pF
Insertion Power Gain
|S21e|2
VCE = 10 V, IC = 20 mA, f = 1.0 GHz
8
10
–
dB
Noise Figure
NF
VCE = 10 V, IC = 5 mA, f = 1.0 GHz
–
1.5
3.0
dB
Maximum Available Gain
MAG
VCE = 10 V, IC = 20 mA, f = 1.0 GHz
–
11.5
–
dB
Collector Cutoff Current
ICBO
VCB = 15 V, IE = 0
–
–
0.1
µA
Emitter Cutoff Current
IEBO
VEB = 2.0 V, IC = 0
–
–
0.1
µA
Notes 1. Pulse Measurement: PW
≤ 350
µs, Duty Cycle ≤ 2%
2. The emitter and case terminal should be connected to the guard terminal of the capacitance bridge.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com