Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2570A Datasheet(PDF) 1 Page - NEC

Part # 2SC2570A
Description  HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC2570A Datasheet(HTML) 1 Page - NEC

  2SC2570A Datasheet HTML 1Page - NEC 2SC2570A Datasheet HTML 2Page - NEC 2SC2570A Datasheet HTML 3Page - NEC 2SC2570A Datasheet HTML 4Page - NEC 2SC2570A Datasheet HTML 5Page - NEC 2SC2570A Datasheet HTML 6Page - NEC 2SC2570A Datasheet HTML 7Page - NEC 2SC2570A Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
NPN SILICON TRANSISTOR
2SC2570A
HIGH FREQUENCY LOW NOISE AMPLIFIER
NPN SILICON EPITAXIAL TRANSISTOR
Document No. P10404EJ3V0DS00 (3rd edition)
Date Published November 1999 N CP(K)
Printed in Japan
DATA SHEET
©
1980, 1999
DESCRIPTION
The 2SC2570A is designed for use in Low Noise Amplifier of VHF & UHF stages.
FEATURES
•
Low noise and high gain
: NF = 1.5 dB TYP., Ga = 8 dB TYP. @f = 1.0 GHz, VCE = 10 V, IC = 5.0 mA
•
Wide dynamic range
: NF = 1.9 dB, Ga = 9 dB @f = 1 GHz, VCE = 10 V, IC = 15 mA
ORDERING INFORMATION
Part Number
Quantity
2SC2570A
Loose products (500 pcs)
2SC2570A-T
Taping products (Box type) (2 500 pcs)
Remark To order evaluation samples, please contact your NEC sales office (available in 500-pcs units).
ABSOLUTE MAXIMUM RATINGS (TA = +25 °C)
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
25
V
Collector to Emitter Voltage
VCEO
12
V
Emitter to Base Voltage
VEBO
3.0
V
Collector Current
IC
70
mA
Total Power Dissipation
Ptot
600
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
–65 to +150
°C


Similar Part No. - 2SC2570A

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC2570A ISC-2SC2570A Datasheet
248Kb / 5P
isc Silicon NPN RF Transistor
logo
Renesas Technology Corp
2SC2570A RENESAS-2SC2570A Datasheet
293Kb / 10P
NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
More results

Similar Description - 2SC2570A

ManufacturerPart #DatasheetDescription
logo
NEC
2SC3355 NEC-2SC3355 Datasheet
102Kb / 8P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
Hitachi Semiconductor
2SC5594 HITACHI-2SC5594 Datasheet
53Kb / 8P
Silicon NPN Epitaxial High Frequency Low Noise Amplifier
logo
Renesas Technology Corp
2SC5593 RENESAS-2SC5593 Datasheet
176Kb / 10P
Silicon NPN Epitaxial High Frequency Low Noise Amplifier
logo
Sanyo Semicon Device
MCH4021 SANYO-MCH4021 Datasheet
276Kb / 9P
NPN Epitaxial Planar Silicon Transistor High Frequency Low-Noise Amplifier
MCH4020 SANYO-MCH4020_12 Datasheet
470Kb / 11P
NPN Epitaxial Planar Silicon Transistor High Frequency Low-Noise Amplifier
logo
Renesas Technology Corp
UPA800T RENESAS-UPA800T Datasheet
211Kb / 8P
HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
UPA801T RENESAS-UPA801T Datasheet
217Kb / 8P
HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
UPA802T RENESAS-UPA802T Datasheet
216Kb / 8P
HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
UPA810T RENESAS-UPA810T Datasheet
223Kb / 8P
HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
UPA811T RENESAS-UPA811T Datasheet
219Kb / 8P
HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com