Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSSM032 Datasheet(PDF) 2 Page - NICHIA CORPORATION

Part # NSSM032
Description  SPECIFICATIONS FOR FULL COLOR LED
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSSM032 Datasheet(HTML) 2 Page - NICHIA CORPORATION

  NSSM032 Datasheet HTML 1Page - NICHIA CORPORATION NSSM032 Datasheet HTML 2Page - NICHIA CORPORATION NSSM032 Datasheet HTML 3Page - NICHIA CORPORATION NSSM032 Datasheet HTML 4Page - NICHIA CORPORATION NSSM032 Datasheet HTML 5Page - NICHIA CORPORATION NSSM032 Datasheet HTML 6Page - NICHIA CORPORATION NSSM032 Datasheet HTML 7Page - NICHIA CORPORATION NSSM032 Datasheet HTML 8Page - NICHIA CORPORATION NSSM032 Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
NICHIA STS-DA1-1857D <Cat.No.130605>
1
SPECIFICATIONS
(1) Absolute Maximum Ratings
Absolute Maximum Rating
Item
Symbol
Blue
Green
Red
Unit
Forward Current
IF
35
35
50
mA
Pulse Forward Current
IFP
110
110
150
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
120
124
127
mW
Total Power Dissipation
PTOT
180
mW
Operating Temperature
Topr
-30~85
°C
Storage Temperature
Tstg
-40~100
°C
Junction Temperature
TJ
100
100
100
°C
* Absolute Maximum Ratings at TA=25°C.
* IFP conditions with pulse width ≤10ms and duty cycle ≤10%.
* The absolute maximum Power Dissipation per die.
* The absolute maximum Power Dissipation in total per package.
(2) Initial Electrical/Optical Characteristics
Typ
Item
Symbol
Condition
Blue
Green
Red
Unit
Forward Voltage
VF
B IF=20mA
G IF=20mA
R IF=20mA
3.1
3.2
2.2
V
Reverse Current
IR
B VR=5V
G VR=5V
R VR=5V
-
-
-
µA
Luminous Intensity
IV
B IF=20mA
G IF=20mA
R IF=20mA
430
1900
790
mcd
x
0.133
0.189
0.700
Chromaticity Coordinate
y
-
B IF=20mA
G IF=20mA
R IF=20mA
0.075
0.718
0.299
-
* Characteristics at TA=25°C.
* Luminous Intensity value as per CIE 127:2007 standard.
* Chromaticity Coordinates as per CIE 1931 Chromaticity Chart.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com