Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSSM032 Datasheet(PDF) 3 Page - NICHIA CORPORATION

Part # NSSM032
Description  SPECIFICATIONS FOR FULL COLOR LED
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSSM032 Datasheet(HTML) 3 Page - NICHIA CORPORATION

  NSSM032 Datasheet HTML 1Page - NICHIA CORPORATION NSSM032 Datasheet HTML 2Page - NICHIA CORPORATION NSSM032 Datasheet HTML 3Page - NICHIA CORPORATION NSSM032 Datasheet HTML 4Page - NICHIA CORPORATION NSSM032 Datasheet HTML 5Page - NICHIA CORPORATION NSSM032 Datasheet HTML 6Page - NICHIA CORPORATION NSSM032 Datasheet HTML 7Page - NICHIA CORPORATION NSSM032 Datasheet HTML 8Page - NICHIA CORPORATION NSSM032 Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
NICHIA STS-DA1-1857D <Cat.No.130605>
2
RANKS
Blue
Green
Red
Item
Rank
Min
Max
Rank
Min
Max
Rank
Min
Max
Unit
Forward Voltage
-
2.65
3.45
-
2.75
3.55
-
1.80
2.55
V
Reverse Current
-
-
50
-
-
50
-
-
50
µA
BT
460
580
GT
2130
2680
RT
840
1060
BS
365
460
GS
1690
2130
RS
668
840
Luminous Intensity
BR
290
365
GR
1340
1690
RR
530
668
mcd
Color Ranks
Blue
Rank W1
Rank W2
x
0.139
0.129
0.145
0.152
x
0.129
0.113
0.134
0.145
y
0.035
0.050
0.072
0.056
y
0.050
0.080
0.105
0.072
Green
Rank G1m
Rank G2m
x
0.166
0.136
0.176
0.201
x
0.201
0.176
0.220
0.237
y
0.676
0.739
0.750
0.686
y
0.686
0.750
0.745
0.684
Red
Rank R8
x
0.6742
0.6598
0.6915
0.7080
y
0.2958
0.3106
0.3083
0.2920
* Ranking at TA=25°C.
* Forward Voltage Tolerance: ±0.05V
* Luminous Intensity Tolerance: ±10%
* Chromaticity Coordinate Tolerance: ±0.01
* LEDs from the above ranks will be shipped.
The rank combination ratio per shipment will be decided by Nichia.
Luminous Intensity Ranks by Color Rank
Ranking by
Luminous Intensity
Ranking by
Color Coordinates
BR
BS
BT
GR
GS
GT
RR
RS
RT
W1
W2
G1m,G2m
R8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com