Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS229SN Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS229SN
Description  Triple RS-232 Transmitter/Receiver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS229SN Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS229SN Datasheet HTML 1Page - Dallas Semiconductor DS229SN Datasheet HTML 2Page - Dallas Semiconductor DS229SN Datasheet HTML 3Page - Dallas Semiconductor DS229SN Datasheet HTML 4Page - Dallas Semiconductor DS229SN Datasheet HTML 5Page - Dallas Semiconductor DS229SN Datasheet HTML 6Page - Dallas Semiconductor DS229SN Datasheet HTML 7Page - Dallas Semiconductor DS229SN Datasheet HTML 8Page - Dallas Semiconductor DS229SN Datasheet HTML 9Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
DS229
4 of 9
ABSOLUTE MAXIMUM RATINGS*
Absolute Maximum Ratings
VCC
-0.3V to +7.0V
V+
(VCC-0.3V) to +14V
V-
+0.3V to -14V
Input Voltages
TIN
-0.3V to (VCC+0.3V)
RIN
±30V
Output Voltages
TOUT
(V+ + 0.3V) to (V- - 0.3V)
ROUT
-0.3V to (VCC+ 0.3V)
Short Circuit Duration, TOUT
Continuous
*
This is a stress rating only and functional operation of the device at these or any other conditions
above those indicated in the operation sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
(0
°C to 70°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Operating Supply Voltage
VCC
4.5
5.5
V
1
DC ELECTRICAL CHARACTERISTICS
(0
°C to 70°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Power Supply Current (No Load)
ICC1
615
mA
Power Supply Current (3 k
Ω Load All
Outputs)
ICC2
22.5
mA
RS-232 Transmitters
Output Voltage Swing
VORS
±5
±8
V2
Input Logic Threshold Low
VTTL
0.8
1.4
V
Input Logic Threshold High
VTTH
1.4
2.0
V
Data Rate
fD
200
116
kbits/s
Logic Pullup/Input Current
IPU
540
µA
Transmitter Output Resistance
ROUT
300
10M
Ω
3
Output Short-Circuit Current
ITSC
±15
±30
±100
mA
4



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com