Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS229SN Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS229SN
Description  Triple RS-232 Transmitter/Receiver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS229SN Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS229SN Datasheet HTML 1Page - Dallas Semiconductor DS229SN Datasheet HTML 2Page - Dallas Semiconductor DS229SN Datasheet HTML 3Page - Dallas Semiconductor DS229SN Datasheet HTML 4Page - Dallas Semiconductor DS229SN Datasheet HTML 5Page - Dallas Semiconductor DS229SN Datasheet HTML 6Page - Dallas Semiconductor DS229SN Datasheet HTML 7Page - Dallas Semiconductor DS229SN Datasheet HTML 8Page - Dallas Semiconductor DS229SN Datasheet HTML 9Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
DS229
5 of 9
DC ELECTRICAL CHARACTERISTICS (continued)
(0
°C to 70°C)
RS-232 Receivers
RS-232 Input Voltage Operating Range
VIR
±25
±30
V
RS-232 Input Threshold Low
VRTL
0.8
1.3
V
RS-232 Input Threshold High
VRTH
1.8
2.4
V
RS-232 Input Hysteresis
VHY
0.2
0.5
1
V
RS-232 Input Resistance
RIN
35
7
k
Ω
TTL/CMOS Output Voltage Low
VROL
0.2
0.4
V
5
TTL/CMOS Output Voltage High
VROH
3.5
VCC-0.2
V
6
TTL/CMOS Output Short Circuit
Current (VOUT=GND)
IRSC
-2
-10
mA
TTL/CMOS Output Short Circuit
Current (VOUT=VCC)
IRSC
10
30
mA
AC ELECTRICAL CHARACTERISTICS
(0
°C to 70°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Transition Slew Rate
tSR
612
30
V/
µs
7
Transmitter Propagation
Delay TTL to RS-232
tPHLT
tPLHT
1.3
1.5
3.5
3.5
µs
µs
Receiver Propagation
Delay RS-232 to TTL
tPHLR
tPLHR
0.5
0.6
1
1
µs
µs
Transmitter + to - Propagation
Delay Difference
tPHLT
-tPLHT
300
ns
Receiver + to - Propagation
Delay Difference
tPHLR
-tPLHR
100
ns
NOTES:
1. All voltages are referenced to ground.
2. All transmitter outputs loaded with 3 k
Ω=to ground
3. VCC = V+ = V- = 0V; VOUT =
±2V.
4. VOUT = 0V.
5. IOUT = 3.2 mA.
6. IOUT = -1.0 mA.
7. CL = 50 pF - 2500 pF; RL = 3 k
Ω=- 7 kΩ; V
CC = 5V; TA = 25
°C.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com