Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS232AR Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS232AR
Description  Dual RS-232 Transmitter/Receiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS232AR Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS232AR Datasheet HTML 1Page - Dallas Semiconductor DS232AR Datasheet HTML 2Page - Dallas Semiconductor DS232AR Datasheet HTML 3Page - Dallas Semiconductor DS232AR Datasheet HTML 4Page - Dallas Semiconductor DS232AR Datasheet HTML 5Page - Dallas Semiconductor DS232AR Datasheet HTML 6Page - Dallas Semiconductor DS232AR Datasheet HTML 7Page - Dallas Semiconductor DS232AR Datasheet HTML 8Page - Dallas Semiconductor DS232AR Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1 of 10
112099
FEATURES
Compatible with LT1181A and MAX232A
High data rate - 250 kbits/sec under load
16-pin DIP or SOIC package
20-pin TSSOP package for height restricted
applications
Operate from single +5V power
Meets all EIA-232E and V0.28 specifications
Uses small capacitors: 0.1
µF
Optional industrial temperature range
available (-40
°C to +85°C)
ORDERING INFORMATION
DS232A
16-pin DIP
DS232A-N
16-pin DIP (Industrial)
DS232AR
16-pin SOIC (150-Mil)
DS232AR-N 16-pin SOIC (150-Mil) (Industrial)
DS232AS
16-pin SOIC (300-Mil)
DS232AS-N 16-pin SOIC (300-Mil) (Industrial)
DS232AE
20-pin TSSOP
DS232AE-N 20-pin TSSOP (Industrial)
PIN ASSIGNMENT
PIN DESCRIPTION
VCC
- +5-Volt Supply
GND
- Ground
V+
- Positive Supply Output
V-
- Negative Supply Output
T1IN, T2IN
- RS-232 Driver Inputs
T1OUT, T2OUT
- RS-232 Driver Outputs
R1IN, R2IN
- Receiver Inputs
R1OUT, R2OUT
- Receiver Outputs
C1+, C1-
- Capacitor 1 Connections
C2+, C2-
- Capacitor 2 Connections
DESCRIPTION
The DS232A is a dual RS-232 driver/receiver pair that generates RS-232 voltage levels from a single +5-
volt power supply. Additional
±12-volt supplies are not needed since the DS232A uses on-board charge
pumps to convert the +5-volt supply to
±10 volts. The DS232A is fully compliant with EIA RS-232E and
V0.28/V0.24 standards. The DS232A contains two drivers and two receivers. Driver slew rates and data
rates are guaranteed up to 250k bits/sec. The DS232A operates with only 0.1
µF charge pump capacitors.
OPERATION
The diagram in Figure 1 shows the main elements of the DS232A. The following paragraphs describe the
function of each pin.
DS232A
Dual RS-232 Transmitter/Receiver
www.dalsemi.com
16-Pin DIP AND SOIC
15
C1-
C2-
T2OUT
R2IN
VCC
R1IN
R1OUT
T1IN
T2IN
R2OUT
1
2
3
4
5
6
7
8
16
14
13
12
11
10
9
V+
C2+
V-
C1+
GND
T1OUT
20-Pin TSSOP
19
C1-
NC
V-
NC
T2OUT
R2IN
NC
T1OUT
R1IN
R1OUT
NC
T1IN
T2IN
R2OUT
1
2
3
4
5
6
7
8
9
10
20
18
17
16
15
14
13
12
11
V+
C2+
C2-
C1+
VCC
GND


Similar Part No. - DS232AR

ManufacturerPart #DatasheetDescription
logo
Power-One
DS232 POWER-ONE-DS232 Datasheet
147Kb / 4P
100 Watt DC-DC Converters
DS2320-7R POWER-ONE-DS2320-7R Datasheet
147Kb / 4P
100 Watt DC-DC Converters
More results

Similar Description - DS232AR

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC232 TELCOM-TC232 Datasheet
51Kb / 3P
DUAL RS-232 TRANSMITTER/RECEIVER AND POWER SUPPLY
logo
Dallas Semiconductor
DS1228 DALLAS-DS1228 Datasheet
15Kb / 1P
5V Powered Dual RS-232 Transmitter/Receiver
DS229 DALLAS-DS229 Datasheet
96Kb / 9P
Triple RS-232 Transmitter/Receiver
logo
Intersil Corporation
ICL232 INTERSIL-ICL232 Datasheet
139Kb / 6P
5V Powered, Dual RS-232 Transmitter/Receiver
June 2001
logo
Microchip Technology
TC232 MICROCHIP-TC232 Datasheet
52Kb / 6P
DUAL RS-232 TRANSMITTER/RECEIVER AND POWER SUPPLY
2001
logo
Harris Corporation
ICL232 HARRIS-ICL232 Datasheet
41Kb / 5P
5V Powered, Dual RS-232 Transmitter/Receiver
logo
Intersil Corporation
ICL232 INTERSIL-ICL232_05 Datasheet
210Kb / 7P
5V Powered, Dual RS-232 Transmitter/Receiver
July 28, 2005
ICL232IBE INTERSIL-ICL232IBE Datasheet
221Kb / 7P
5V Powered, Dual RS-232 Transmitter/Receiver
July 28, 2005
logo
Texas Instruments
MAX232E TI1-MAX232E_16 Datasheet
1Mb / 27P
Dual RS-232 Driver and Receiver
REVISED AUGUST 2016
logo
Renesas Technology Corp
ICL232 RENESAS-ICL232 Datasheet
451Kb / 8P
5V Powered, Dual RS-232 Transmitter/Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com