Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7807VPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRF7807VPBF
Description  N Channel Application Specific MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7807VPBF Datasheet(HTML) 2 Page - International Rectifier

  IRF7807VPBF Datasheet HTML 1Page - International Rectifier IRF7807VPBF Datasheet HTML 2Page - International Rectifier IRF7807VPBF Datasheet HTML 3Page - International Rectifier IRF7807VPBF Datasheet HTML 4Page - International Rectifier IRF7807VPBF Datasheet HTML 5Page - International Rectifier IRF7807VPBF Datasheet HTML 6Page - International Rectifier IRF7807VPBF Datasheet HTML 7Page - International Rectifier IRF7807VPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRF7807VPbF
2
www.irf.com
Notes:  Repetitive rating; pulse width limited by max. junction temperature.
‚
Pulse width
≤ 400 µs; duty cycle ≤ 2%.
ƒ
When mounted on 1 inch square copper board
„
Typ = measured - Q
oss
… Typical values of RDS(on) measured at V
GS = 4.5V, QG, QSW and QOSS
measured at V
GS = 5.0V, IF = 7.0A.
†
Rθ is measured at TJ approximately 90°C
*
Device are 100% tested to these parameters.
Electrical Characteristics
Parameter
Symbol
Min Typ Max Units
Drain-Source Breakdown Voltage
BVDSS
30
–––
–––
V
Static Drain-Source On-Resistance
RDS(on)
–––
17
25
m
Gate Threshold Voltage
VGS(th)
1.0
–––
3.0
V
–––
–––
100
–––
–––
20
–––
–––
100
Gate-Source Leakage Current*
IGSS
–––
––– ±100
nA
Total Gate Charge*
QG
–––
9.5
14
Pre-Vth Gate-Source Charge
QGS1
–––
2.3
–––
Post-Vth Gate-Source Charge
QGS2
–––
1.0
–––
Gate-to-Drain Charge
QGD
–––
2.4
–––
Switch Charge (Qgs2 + Qgd)QSW
–––
3.4
5.2
Output Charge*
QOSS
–––
12
16.8
VDS = 16V, VGS = 0
Gate Resistance
RG
0.9
–––
2.8
Turn-On Delay Time
td(on)
–––
6.3
–––
Rise Time
tr
–––
1.2
–––
Turn-Off Delay Time
td(off)
–––
11
–––
Fall Time
tf
–––
2.2
–––
Source-Drain Ratings and Characteristics
Parameter
Symbol Min Typ Max Units
Diode Forward Voltage*
VSD
–––
–––
1.2
V
Reverse Recovery Charge
(with Parallel Schottsky)
f
64
–––
IS = 7.0A d ,VGS = 0V
–––
Qrr
Conditions
VGS = 0V, ID = 250µA
VGS = 4.5V, ID = 7.0A d
VDS = VGS, ID = 250µA
VDS = 30V, VGS = 0
VGS = ± 20V
IDSS
Drain-Source Leakage Current
VDS = 16V
VDS = 24V, VGS = 0
VDS = 24V, VGS = 0, TJ = 100°C
VGS = 5V, ID = 7.0A
µA
nC
ns
Conditions
VGS = 5V, RG = 2Ω
VDD = 16V
ID = 7A
Resistive Load
–––
nC
Reverse Recovery Charge
f
di/dt = 700A/µs , (with 10BQ040)
VDS = 16V, VGS = 0V, IS = 7.0A
di/dt = 700A/µs
VDS = 16V, VGS = 0V, IS = 7.0A
Qrr(s)
–––
41



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com