Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7807VPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRF7807VPBF
Description  N Channel Application Specific MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7807VPBF Datasheet(HTML) 1 Page - International Rectifier

  IRF7807VPBF Datasheet HTML 1Page - International Rectifier IRF7807VPBF Datasheet HTML 2Page - International Rectifier IRF7807VPBF Datasheet HTML 3Page - International Rectifier IRF7807VPBF Datasheet HTML 4Page - International Rectifier IRF7807VPBF Datasheet HTML 5Page - International Rectifier IRF7807VPBF Datasheet HTML 6Page - International Rectifier IRF7807VPBF Datasheet HTML 7Page - International Rectifier IRF7807VPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PD-95210
IRF7807VPbF
11/3/04
DEVICE CHARACTERISTICS
…
• N Channel Application Specific MOSFET
• Ideal for Mobile DC-DC Converters
• Low Conduction Losses
• Low Switching Losses
• 100% R
G Tested
• Lead-Free
Description
This new device employs advanced HEXFET Power
MOSFET technology to achieve an unprecedented
balance of on-resistance and gate charge. The
reduction of conduction and switching losses makes
it ideal for high efficiency DC-DC Converters that
power the latest generation of mobile microprocessors.
A pair of IRF7807V devices provides the best cost/
performance solution for system voltages, such as
3.3V and 5V.
Top V iew
8
1
2
3
4
5
6
7
D
D
D
D
G
S
A
S
S
SO-8
IRF7807V
RDS(on)
17 m
QG
9.5 nC
QSW
3.4 nC
QOSS
12 nC
Absolute Maximum Ratings
Symbol
Units
VDS
VGS
Continuous Drain or Source
TA = 25°C
(VGS ≥ 4.5V)
TA = 70°C
IDM
TA = 25°C
TA = 70°C
TJ , TSTG
°C
IS
ISM
Thermal Resistance
Symbol
Typ
Max
Units
RθJA
–––
50
RθJL
–––
20
A
W
A
°C/W
Parameter
Maximum Junction-to-Ambient
eh
Maximum Junction-to-Lead
h
Junction & Storage Temperature Range
Continuous Source Current (Body Diode)
Pulsed Source Current
™
Parameter
V
Power Dissipation
eÃÃÃÃÃÃÃ
Drain-Source Voltage
Gate-Source Voltage
Pulsed Drain Current
™
PD
ID
IRF7807V
8.3
2.5
66
2.5
-55 to 150
1.6
66
30
±20
6.6
HEXFET® Power MOSFET


Similar Part No. - IRF7807VPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7807VPBF IRF-IRF7807VPBF Datasheet
192Kb / 8P
HEXFET짰 Power MOSFET
IRF7807VPBF IRF-IRF7807VPBF Datasheet
197Kb / 8P
N Channel Application Specific MOSFET
IRF7807VPBF-1 IRF-IRF7807VPBF-1 Datasheet
218Kb / 9P
Industry-standard pinout SO-8 Package
IRF7807VPBF-1 IRF-IRF7807VPBF-1_15 Datasheet
218Kb / 9P
Industry-standard pinout SO-8 Package
IRF7807VPBF IRF-IRF7807VPBF_15 Datasheet
197Kb / 8P
N Channel Application Specific MOSFET
More results

Similar Description - IRF7807VPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7807V IRF-IRF7807V Datasheet
159Kb / 8P
N Channel Application Specific MOSFET
IRLR8103V IRF-IRLR8103V Datasheet
151Kb / 8P
N-Channel Application-Specific MOSFETs
IRLR8503TRR IRF-IRLR8503TRR Datasheet
247Kb / 9P
N-Channel Application-Specific MOSFET
IRF7822TRPBF IRF-IRF7822TRPBF Datasheet
148Kb / 6P
N-Channel Application-Specific MOSFETs
IRF7811AVTRPBF IRF-IRF7811AVTRPBF Datasheet
116Kb / 6P
N-Channel Application-Specific MOSFETs
IRF7807VTR IRF-IRF7807VTR Datasheet
112Kb / 8P
N Channel Application Specific MOSFET
IRF7805PBF IRF-IRF7805PBF_15 Datasheet
230Kb / 5P
N Channel Application Specific MOSFETs
IRF7807VPBF IRF-IRF7807VPBF_15 Datasheet
197Kb / 8P
N Channel Application Specific MOSFET
IRF7811AVPBF IRF-IRF7811AVPBF_15 Datasheet
116Kb / 6P
N-Channel Application-Specific MOSFETs
IRF7809 IRF-IRF7809 Datasheet
132Kb / 4P
N-Channel Application-Specific MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com