Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2437 Datasheet(PDF) 21 Page - Dallas Semiconductor

Part # DS2437
Description  Smart Battery Monitor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2437 Datasheet(HTML) 21 Page - Dallas Semiconductor

Back Button DS2437 Datasheet HTML 17Page - Dallas Semiconductor DS2437 Datasheet HTML 18Page - Dallas Semiconductor DS2437 Datasheet HTML 19Page - Dallas Semiconductor DS2437 Datasheet HTML 20Page - Dallas Semiconductor DS2437 Datasheet HTML 21Page - Dallas Semiconductor DS2437 Datasheet HTML 22Page - Dallas Semiconductor DS2437 Datasheet HTML 23Page - Dallas Semiconductor DS2437 Datasheet HTML 24Page - Dallas Semiconductor DS2437 Datasheet HTML 25Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
DS2437
21 of 31
REGISTER COMMANDS
INSTRUCTION
DESCRIPTION
PROTOCOL
1-WIRE BUS
MASTER
STATUS AFTER
ISSUING
PROTOCOL
1-WIRE BUS DATA
AFTER ISSUING
PROTOCOL
Convert T
Initiates temperature
conversion
44h
Idle or Rx of
TB bit
{TB bit in Status
Register = 1 until
conversion complete}
Convert V
Initiates voltage A/D
conversion
B4h
Idle or Rx of
ADB bit
{ADB bit in Status
Register = 1 until
conversion complete}
NOTES:
1. Temperature conversion takes up to 1 second.
2. A/D conversion takes up to 2 ms.
3. EEPROM write takes up to 50 ms.
Sample Command Sequence Table 7
Example: Bus Master enables the ICA, CCA, and DCA on a single DS2437 and configures it such that
the CCA/DCA information is shadowed to EEPROM. The voltage A/D is configured such that the
DS2437 will perform voltage measurements on the battery (VDD) voltage.
MASTER MODE
DATA (LSB FIRST)
COMMENTS
TX
Reset
Reset Pulse
RX
Presence
Presence Pulse
TX
CCh
Skip ROM
TX
4Eh00h
Issue Write SP 00h Command
TX
0Fh
Sets ICA, CA, E2?, AD Bits Active
TX
Reset
Reset Pulse
RX
Presence
Presence Pulse
TX
CCh
Skip ROM
TX
BEh00h
Issue Read SP 00h Command
RX
<9 data bytes>
Read Scratchpad Data and CRC
TX
Reset
Reset Pulse
RX
Presence
Presence Pulse
TX
CCh
Skip ROM
TX
48h00h
Issue Copy SP 00h Command
RX
Read Slots
DS2437 returns a 1 when Copy SP is complete
TX
Reset
Reset Pulse
RX
Presence
Presence Pulse, done



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com