Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2480 Datasheet(PDF) 13 Page - Dallas Semiconductor

Part # DS2480
Description  Serial 1.Wire Line Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2480 Datasheet(HTML) 13 Page - Dallas Semiconductor

Back Button DS2480 Datasheet HTML 9Page - Dallas Semiconductor DS2480 Datasheet HTML 10Page - Dallas Semiconductor DS2480 Datasheet HTML 11Page - Dallas Semiconductor DS2480 Datasheet HTML 12Page - Dallas Semiconductor DS2480 Datasheet HTML 13Page - Dallas Semiconductor DS2480 Datasheet HTML 14Page - Dallas Semiconductor DS2480 Datasheet HTML 15Page - Dallas Semiconductor DS2480 Datasheet HTML 16Page - Dallas Semiconductor DS2480 Datasheet HTML 17Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
DS2480
042498 13/26
TIMING DIAGRAMS
This section explains the wave forms generated by the
DS2480 on the 1–Wire bus in detail. First the commu-
nication wave forms such as the Reset/Presence
Detect Sequence and the time slots are discussed.
After that follows a detailed description of the pulse
function under various conditions. The wave forms as
generated by the DS2480 may deviate slightly from
specifications found in the “Book of DS19xx iButton
Standards” or in data sheets of 1–Wire slave devices.
However, at a closer look one will find that all of the tim-
ing requirements are met.
1–WIRE COMMUNICATION WAVE FORMS
One of the major features of the DS2480 is that it
relieves the host from generating the timing of the
1–Wire signals and sampling the 1–Wire bus at the
appropriate times. How this is done for the reset/pres-
ence detect sequence is shown in Figure 6a. This
sequence is composed of four timing segments: the
reset low time tRSTL, the short/interrupt sampling offset
tSI, the presence detect sampling offset tPDT and a delay
time tFILL. The timing segments tSI, tPDT and tFILL com-
prise the reset high time tRSTH where 1–Wire slave
devices assert their presence or interrupt pulse. During
this time the DS2480 pulls the 1–Wire bus high with its
weak pull–up current.
The values of all timing segments for all 1–Wire speed
options are shown in the table. Since the reset/presence
sequence is slow compared to the time slots, the values
for regular and flexible speed are the same. Except for
the falling edge of the presence pulse all edges are con-
trolled by the DS2480. The shape of the uncontrolled
falling edge is determined by the capacitance of the
1–Wire bus and the number, speed and sink capability
of the slave devices connected.
Reset/Presence Detect Figure 6a
TESTING FOR SHORT AND/OR INTERRUPT
PRESENCE TESTING
UNCONTROLLED
FALLING EDGE
tSI
RESET/PRESENCE SEQUENCE
tRSTH
tRSTL
PRESENCE
PULSE
5V
0V
tFILL
TIME
SLOT
IDLE
TIME
tPDT
Speed
tRSTL
tSI
tPDT
tFILL
tRSTH
Regular
512
µs
8
µs
64
µs
512
µs
584
µs
Overdrive
64
µs
2
µs
8
µs
64
µs
74
µs
Flexible
512
µs
8
µs
64
µs
512
µs
584
µs
After having received the command code for generating
a reset/presence sequence, the DS2480 pulls the
1–Wire bus low for tRSTL and then lets it go back to 5V.
The DS2480 will now wait for the short/interrupt sam-
pling offset tSI to expire and then test the voltage on the
1–Wire bus to determine if there is a short or an interrupt
signal. If there is no short or interrupt (as shown in the
picture), the DS2480 will wait for tPDT and test the volt-
age on the 1–Wire bus for a presence pulse. Regardless
of the result of the presence test, the DS2480 will then
wait for tFILL to expire and then send the command
response byte to the host.
If the test for interrupt or short reveals a logic 0, the
DS2480 will wait for 4096
µs and then test the 1–Wire
bus again. If a logic 0 is detected, the 1–Wire bus is
shorted and a command response byte with the code for
SHORT will be sent immediately. If a logic 1 is detected,
the device will wait for tFILL to expire after which it will
send the command response byte with the code for an
alarming presence pulse. No additional testing for a
presence pulse will be done. The DS2480 will perform
the short/interrupt testing as described also at Over-
drive speed, although interrupt signaling is only defined
for regular speed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com