Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS4802U Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS4802U
Description  Low Voltage, Micro Power, High Performance, Rail-To-Rail Dual Op-Amp
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS4802U Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS4802U Datasheet HTML 1Page - Dallas Semiconductor DS4802U Datasheet HTML 2Page - Dallas Semiconductor DS4802U Datasheet HTML 3Page - Dallas Semiconductor DS4802U Datasheet HTML 4Page - Dallas Semiconductor DS4802U Datasheet HTML 5Page - Dallas Semiconductor DS4802U Datasheet HTML 6Page - Dallas Semiconductor DS4802U Datasheet HTML 7Page - Dallas Semiconductor DS4802U Datasheet HTML 8Page - Dallas Semiconductor DS4802U Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
DS4802
2 of 19
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, VDD (see Note 1)
5.5V
Differential Input Voltage (see Note 2)
± V
DD
Input Voltage Range, VI (see Note 1)
-0.3V to VDD
Input Current, IDD
± 4 mA
Output Current, IO
± 50 mA
Total current into VDD
± 50 mA
Total current out of GND
± 50 mA
Duration of short-circuit current (See Note 3)
unlimited
Operating Temperature
0
oC to 70oC
Storage Temperature
-55
oC to +125oC
Soldering Temperature
260
oC for 10 seconds
Notes:
1. Relative to GND.
2. Non-inverting input relative to inverting input. Excessive current flows when input is brought below
GND - 0.3V.
3. The output may be shorted to either supply. Temperature and/or supply voltages must be limited to
ensure that the maximum dissipation rating is not exceeded.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Supply Voltage
VDD
1.8
5.5
V
1
Input Voltage Range
VI
GND
VDD - 1.0
V
1
Common-Mode Input Voltage
VIC
GND
VDD - 1.0
V
Free-Air Operating Temperature
TA
070
oC
Notes:
1. Voltage referenced to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com