Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS4802U Datasheet (PDF) - Dallas Semiconductor

DS4802U Datasheet PDF - Dallas Semiconductor
Part # DS4802U
Download  DS4802U Download
File Size   142.87 Kbytes
Page   19 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Low Voltage, Micro Power, High Performance, Rail-To-Rail Dual Op-Amp

DS4802U Datasheet (PDF)

Go To PDF Page Download Datasheet
DS4802U Datasheet PDF - Dallas Semiconductor

Part # DS4802U
Download  DS4802U Click to download

File Size   142.87 Kbytes
Page   19 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Low Voltage, Micro Power, High Performance, Rail-To-Rail Dual Op-Amp

DS4802U Datasheet (HTML) - Dallas Semiconductor


DS4802U Product details

DESCRIPTION
The DS4802 BiCMOS dual operational amplifier combines low input offset voltage, very low power consumption, rail-to-rail output swing, and excellent DC precision. With a maximum input offset voltage of 0.95 mV, a maximum IDD of 25 µA/amplifier, and 10 pA typical input bias current, the DS4802 is ideal for measurement, medical, and industrial applications. The DS4802 is also ideal for portable applications with 1.8 volt to 5.5 volt single supply voltage operation and low power consumption.

FEATURES
■ Very low operating power: 12 µA typical per amplifier
■ High output sink/source capability
■ Supply Voltage Range 1.8 to 5.5V
■ Rail-to-Rail Output Swing
■ Input offset voltage: 0.95 mV max.




Similar Part No. - DS4802U

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
DS48 MSYSTEM-DS48 Datasheet
103Kb / 3P
Plug-in Signal Conditioners M-UNIT
logo
National Semiconductor ...
DS481 NSC-DS481 Datasheet
156Kb / 10P
Low Power RS-485/RS-422 Multipoint Transceiver with Sleep Mode
DS481 NSC-DS481 Datasheet
549Kb / 8P
Low Power RS-485/RS-422 Multipoint Transceiver with Sleep Mode
logo
Texas Instruments
DS481 TI1-DS481 Datasheet
854Kb / 17P
Low Power RS-485/RS-422 Multipoint Transceiver with Sleep Mode
logo
National Semiconductor ...
DS481M NSC-DS481M Datasheet
156Kb / 10P
Low Power RS-485/RS-422 Multipoint Transceiver with Sleep Mode
More results


Similar Description - DS4802U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC7122 MICREL-MIC7122 Datasheet
58Kb / 8P
Rail-to-Rail Dual Op Amp Preliminary Information
logo
Linear Technology
LTC6244 LINER-LTC6244 Datasheet
455Kb / 24P
Dual 50MHz, Low Noise, Rail-to-Rail, CMOS Op Amp
logo
Analog Devices
AD8622 AD-AD8622_09 Datasheet
590Kb / 20P
Dual, Low Power, Precision Rail-to-Rail Output Op Amp
REV. 0
logo
Micrel Semiconductor
MIC7122 MICREL-MIC7122_05 Datasheet
54Kb / 8P
Rail-to-Rail Dual Op Amp
logo
Analog Devices
AD8624ARUZ AD-AD8624ARUZ Datasheet
432Kb / 20P
Low Power, Precision Rail-to-Rail Output Op Amp
REV. C
AD8676 AD-AD8676_15 Datasheet
343Kb / 12P
Dual Rail-to-Rail Output Op Amp
REV. C
logo
Linear Technology
RH6200M LINER-RH6200M_15 Datasheet
159Kb / 10P
Low Noise, High Speed Rail-to-Rail Op Amp
LTC6244 LINER-LTC6244_15 Datasheet
364Kb / 26P
Dual 50MHz, Low Noise, Rail-to-Rail, CMOS Op Amp
logo
Analog Devices
LT6203X AD-LT6203X Datasheet
124Kb / 4P
High Temperature Dual 100MHz, Rail-to-Rail Input Low Power Op Amp
logo
Microchip Technology
MIC7122 MICROCHIP-MIC7122 Datasheet
934Kb / 22P
Rail-to-Rail Dual Op Amp
05/14/19
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com