Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS5002FP Datasheet(PDF) 12 Page - Dallas Semiconductor

Part # DS5002FP
Description  Secure Microprocessor Chip
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS5002FP Datasheet(HTML) 12 Page - Dallas Semiconductor

Back Button DS5002FP Datasheet HTML 8Page - Dallas Semiconductor DS5002FP Datasheet HTML 9Page - Dallas Semiconductor DS5002FP Datasheet HTML 10Page - Dallas Semiconductor DS5002FP Datasheet HTML 11Page - Dallas Semiconductor DS5002FP Datasheet HTML 12Page - Dallas Semiconductor DS5002FP Datasheet HTML 13Page - Dallas Semiconductor DS5002FP Datasheet HTML 14Page - Dallas Semiconductor DS5002FP Datasheet HTML 15Page - Dallas Semiconductor DS5002FP Datasheet HTML 16Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
DS5002FP Secure Microprocessor Chip
12 of 25
PIN
NAME
FUNCTION
into A15 for a 128k x 8 SRAM.
CE3 is lithium-backed and remains at a logic high when VCC
falls below VLI.
62
CE4
Chip Enable 4. This chip enable is provided to access a fourth 32k block of memory. It
connects to the chip-enable input of one SRAM. When MSEL = 0, this signal is unused.
CE4
is lithium-backed and remains at a logic high when VCC falls below VLI.
78
PE1
Peripheral Enable 1. Accesses data memory between addresses 0000h and 3FFFh when the
PES bit is set to a logic 1. Commonly used to chip enable a byte-wide real-time clock such as
the DS1283.
PE1 is lithium-backed and will remain at a logic high when VCC falls below VLI.
Connect
PE1 to battery-backed functions only.
3
PE2
Peripheral Enable 2. Accesses data memory between addresses 4000h and 7FFFh when the
PES bit is set to a logic 1.
PE2 is lithium-backed and will remain at a logic high when VCC falls
below VLI. Connect PE2 to battery-backed functions only.
22
PE3
Peripheral Enable 3. Accesses data memory between addresses 8000h and BFFFh when the
PES bit is set to a logic 1.
PE3 is not lithium-backed and can be connected to any type of
peripheral function. If connected to a battery-backed chip, it will need additional circuitry to
maintain the chip enable in an inactive state when VCC < VLI.
23
PE4
Peripheral Enable 4. Accesses data memory between addresses C000h and FFFFh when
the PES bit is set to a logic 1.
PE4 is not lithium-backed and can be connected to any type of
peripheral function. If connected to a battery-backed chip, it will need additional circuitry to
maintain the chip enable in an inactive state when VCC < VLI.
32
PROG
Invokes the bootstrap loader on a falling edge. This signal should be debounced so that only
one edge is detected. If connected to ground, the micro enters bootstrap loading on power-
up. This signal is pulled up internally.
42
VRST
This I/O pin (open drain with internal pullup) indicates that the power supply (VCC) has fallen
below the VCCMIN level and the micro is in a reset state. When this occurs, the DS5002FP
drives this pin to a logic 0. Because the micro is lithium-backed, this signal is guaranteed
even when VCC = 0V. Because it is an I/O pin, it also forces a reset if pulled low externally.
This allows multiple parts to synchronize their power-down resets.
43
PF
This output goes to a logic 0 to indicate that the micro has switched to lithium backup. This
corresponds to VCC < VLI. Because the micro is lithium-backed, this signal is guaranteed even
when VCC = 0V. The normal application of this signal is to control lithium powered current to
isolate battery-backed functions from non-battery-backed functions.
14
MSEL
Memory Select. This signal controls the memory size selection. When MSEL = +5V, the
DS5002FP expects to use 32k x 8 SRAMs. When MSEL = 0V, the DS5002FP expects to use
a 128k x 8 SRAM. MSEL must be connected regardless of partition, mode, etc.
53
SDI
Self-Destruct Input. An active high on this pin causes an unlock procedure. This results in the
destruction of Vector RAM, Encryption Keys, and the loss of power from VCCO. This pin
should be grounded if not used.
72
CE1N
This is a non-battery-backed version of
CE1. It is not generally useful since the DS5002FP
cannot be used with EPROM due to its encryption.
73
N.C.
No Connect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com