Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS5002FP Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS5002FP
Description  Secure Microprocessor Chip
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS5002FP Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS5002FP Datasheet HTML 1Page - Dallas Semiconductor DS5002FP Datasheet HTML 2Page - Dallas Semiconductor DS5002FP Datasheet HTML 3Page - Dallas Semiconductor DS5002FP Datasheet HTML 4Page - Dallas Semiconductor DS5002FP Datasheet HTML 5Page - Dallas Semiconductor DS5002FP Datasheet HTML 6Page - Dallas Semiconductor DS5002FP Datasheet HTML 7Page - Dallas Semiconductor DS5002FP Datasheet HTML 8Page - Dallas Semiconductor DS5002FP Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
DS5002FP Secure Microprocessor Chip
3 of 25
DC CHARACTERISTICS (continued)
(VCC = 5V ±10%, TA = 0°C to +70°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Leakage Current (Port 0,
MSEL)
IIL
0.45 < VIN < VCC
+10
µA
0°C to +70°C
40
150
RST Pulldown Resistor
RRE
-40°C to +85°C (Note 12)
30
180
kΩ
VRST Pullup Resistor
RVR
4.7
kΩ
PROG Pullup Resistor
RPR
40
kΩ
0°C to +70°C (Note 1)
4.25
4.37
4.5
Power-Fail Warning Voltage
VPFW
-40°C to +85°C (Notes 1, 12)
4.1
4.37
4.6
V
0°C to +70°C (Note 1)
4.00
4.12
4.25
Minimum Operating Voltage
VCCMIN
-40°C to +85°C (Notes 1, 12)
3.85
4.09
4.25
V
Lithium Supply Voltage
VLI
(Note 1)
2.5
4.0
V
Operating Current at 16MHz
ICC
(Note 2)
36
mA
0°C to +70°C (Note 3)
7.0
Idle Mode Current at 12MHz
IIDLE
-40°C to +85°C (Notes 3, 12)
8.0
mA
Stop Mode Current
ISTOP
(Note 4)
80
µA
Pin Capacitance
CIN
(Note 5)
10
pF
Output Supply Voltage (VCCO)
VCCO1
(Notes 1, 2)
VCC
-0.45
V
0°C to +70°C (Notes 1, 8)
VLI
-0.65
Output Supply Battery-Backed
Mode (VCCO, CE1–4, PE 1–2)
VCCO2
-40°C to +85°C (Notes 1, 8,
12)
VLI
-0.9
V
Output Supply Current (Note 6)
ICCO1
VCCO = VCC - 0.45V
75
mA
0°C to +70°C
5
75
Lithium-Backed Quiescent
Current (Note 7)
ILI
-40°C to +85°C
75
500
nA
BAT = 3.0V (0°C to +70°C)
(Note 1)
4.0
4.25
BAT = 3.0V (-40°C to +85°C)
(Notes 1, 12)
3.85
4.25
Reset Trip Point in Stop Mode
BAT = 3.3V (0°C to +70°C)
(Note 1)
4.4
4.65
AC CHARACTERISTICS
(VCC = 0V to 5V, TA = 0°C to +70°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
4.5V < VCC < 5.5V
2
SDI Pulse Reject (Note 10)
tSPR
VCC = 0V, VBAT = 2.9V
4
µs
4.5V < VCC < 5.5V
10
SDI Pulse Accept (Note 10)
tSPA
VCC = 0V, VBAT = 2.9V
50
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com