Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AML21CBA2DB Datasheet(PDF) 4 Page - Honeywell Accelerometers

Part # AML21CBA2DB
Description  Interactive Catalog Supplements Catalog PDFs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

AML21CBA2DB Datasheet(HTML) 4 Page - Honeywell Accelerometers

  AML21CBA2DB Datasheet HTML 1Page - Honeywell Accelerometers AML21CBA2DB Datasheet HTML 2Page - Honeywell Accelerometers AML21CBA2DB Datasheet HTML 3Page - Honeywell Accelerometers AML21CBA2DB Datasheet HTML 4Page - Honeywell Accelerometers AML21CBA2DB Datasheet HTML 5Page - Honeywell Accelerometers AML21CBA2DB Datasheet HTML 6Page - Honeywell Accelerometers AML21CBA2DB Datasheet HTML 7Page - Honeywell Accelerometers AML21CBA2DB Datasheet HTML 8Page - Honeywell Accelerometers AML21CBA2DB Datasheet HTML 9Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Manual Switches
AML23 Series
Electronic Control Paddle
16
Honeywell MICRO SWITCH Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
INCANDESCENT OR NON-LIGHTED DISPLAY
Covers ordered separately.
FEATURES
Silver or gold contacts.
1, 2 or 4 poles.
Toggle type paddle operators
permanently installed in rectangular
housings.
Covers for the switch housing may be
lighted or unlighted.
UL recognized, CSA certified.
Lamps can be furnished installed or
ordered separately.
Lamp circuit independent of switch
circuit.
Electrical Data
page 11
Paddle Covers
page 35
Lamps and LEDs
page 46
Accessories
page 45
Mounting Dimensions
pages 47/50
*
*
*AML23 Series: 1 pole and
2-pole only.
*AML23 ORDER GUIDE
AML23 E
B
A
2
AA
01
Housing
Operator/Bezel
Incandescent
Terminal
Circuitry
Operating
Type
Color
Lamp Type
Type
Codes
Action
AML23 E
B
A
2
Insert Code
letters as
shown in
Circuitry Chart
Insert Code numbers
from Operating
Action Chart
Rectangular
Black/Black
No Lamp
Installed
B
6 V Lamp*
C
14 V Lamp*
E
28 V Lamp*
.110 × .020
(Solder or
Quick-Connect)
3
.025 × .025
(Printed Ckt.,
or Push-on)
Non-Lighted
AML23 F
Rectangular
1 Lamp Ckt. (A)
AML23 G
Rectangular
2 Lamp Ckts.
(A&B)
* Lamps will be installed per each lamp circuit specified in the Housing Type.
1 The ‘‘MICRO SWITCH’’
identification is shown
on this side of the
switch housings.
Example: AML23EBA2AA01
Rectangular non-lighted paddle switch
housing; black paddle and bezel; .110 ×
.020 terminals; with one circuit ON and
one circuit OFF in each extreme operator
position (maintained).
CIRCUITRY
Silver
Gold
2-Position
3-Position
Contacts Contacts
AA
BA
AC
BC
(Non-illuminated
switches only)
CA
DA
CC
DC
(Non-illuminated
switches only)
OPERATING ACTION
2-Position:
01
Maint.
None
Maint.
02
Mom.
None
Maint.
03
Maint.
None
Mom.
3-Position:
04
Maint.
Maint.
Maint.
05
Mom.
Maint.
Mom.
06
Maint.
Maint.
Mom.
07
Mom.
Maint.
Maint.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com