Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AML21CBA2DB Datasheet(PDF) 5 Page - Honeywell Accelerometers

Part # AML21CBA2DB
Description  Interactive Catalog Supplements Catalog PDFs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

AML21CBA2DB Datasheet(HTML) 5 Page - Honeywell Accelerometers

  AML21CBA2DB Datasheet HTML 1Page - Honeywell Accelerometers AML21CBA2DB Datasheet HTML 2Page - Honeywell Accelerometers AML21CBA2DB Datasheet HTML 3Page - Honeywell Accelerometers AML21CBA2DB Datasheet HTML 4Page - Honeywell Accelerometers AML21CBA2DB Datasheet HTML 5Page - Honeywell Accelerometers AML21CBA2DB Datasheet HTML 6Page - Honeywell Accelerometers AML21CBA2DB Datasheet HTML 7Page - Honeywell Accelerometers AML21CBA2DB Datasheet HTML 8Page - Honeywell Accelerometers AML21CBA2DB Datasheet HTML 9Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Manual Switches
AML25 Series
Electronic Control Paddle
Honeywell MICRO SWITCH Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
17
LED DISPLAY
Covers with LED ‘‘window’’ ordered separately.
FEATURES
Identical to AML23, except furnished
with one or two rectangular high
efficiency LED’s which give flush
display area and wide angle
indication.
Available with or without diode
protection for LED’s.
LED circuit independent of switch
circuit.
Electrical Data
page 11
Paddle Covers
page 36
Lamps and LEDs
page 46
Accessories
page 45
Mounting Dimensions
pages 47/50
5 thru 24 VDC devices have internal
resistor to maintain current at nominal
20 mA.
UL recognized, CSA certified.
*
*
*AML25 Series: 1 pole and
2-pole only.
AML25 ORDER GUIDE
AML25 F
B
B
2
AA
01
R
X
Housing
Operator/
LED
Terminal Type/
Circuitry
Operating
LED Color
LED Color
Type
Bezel Color
Voltage
Diode Protection
Codes
Code
(LED A)
(LED B)
AML25 F
B
B
2
Insert code
Insert code
RR
Rectangular
Black/Black
V*
.110 × .020
letters
numbers
Red
Red
1 LED
(Solder or Q-C)
as shown in
from
YY
C
Circuitry
Operating
Yellow
Yellow
AML25 G
5V
3
Chart
Action
GG
Rectangular
.025 × .025
Chart
Green
Green
2 LED’s
D
(Printed Ckt.,
LED version
XX
10 V
or Push-On
available
No LED
No LED
only with
E8
AA
15 V
.110 × .020
BA
w/Diode
CA
F
protection
DA
24 V
circuitry
*See LED application information for devices without current-limiting resistor, page 46.
Example: AML25FBB2AA01RX
Rectangular paddle switch; illuminated
with one red LED, this device has a black
paddle and bezel, and .110 × .020 termi-
nals; with one circuit ON and one circuit
OFF in each extreme operator position
(maintained).
NOTE: For further information on re-
placement LED’s, call the 800 number.
Covers
ordered
separately
1 The ‘‘MICRO SWITCH’’ identification is
shown on this side of the switch housings.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com