Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS87C550 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS87C550
Description  EPROM High-Speed Micro with A/D and PWM
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS87C550 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS87C550 Datasheet HTML 1Page - Dallas Semiconductor DS87C550 Datasheet HTML 2Page - Dallas Semiconductor DS87C550 Datasheet HTML 3Page - Dallas Semiconductor DS87C550 Datasheet HTML 4Page - Dallas Semiconductor DS87C550 Datasheet HTML 5Page - Dallas Semiconductor DS87C550 Datasheet HTML 6Page - Dallas Semiconductor DS87C550 Datasheet HTML 7Page - Dallas Semiconductor DS87C550 Datasheet HTML 8Page - Dallas Semiconductor DS87C550 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 50 page
background image
DS87C550
2 of 50
DESCRIPTION
The DS87C550 EPROM High-Speed Micro with A/D and PWM is a member of the fastest 100% 8051-
compatible microcontroller family available. It features a redesigned processor core that removes wasted
clock and memory cycles. As a result, it executes 8051 instructions up to three times faster than the
original architecture for the same crystal speed. The DS87C550 also offers a maximum crystal speed of
33 MHz, resulting in apparent execution speeds of up to 99 MHz.
The DS87C550 uses an industry standard 8051 pin-out and includes standard resources such as three
timer/counters, and 256 bytes of scratchpad RAM. This device also features 8 kbytes of EPROM with an
extra 1 kbyte of data RAM (in addition to the 256 bytes of scratchpad RAM), and 55 I/O ports pins. Both
One-Time-Programmable (OTP) and windowed packages are available.
Besides greater speed, the DS87C550 includes a second full hardware serial port, seven additional
interrupts, a programmable watchdog timer, brownout monitor, and power-fail reset.
The DS87C550 also provides dual data pointers (DPTRs) to speed block data memory moves. The user
can also dynamically adjust the speed of external accesses between two and 12 machine cycles for
flexibility in selecting memory and peripherals.
Power Management Mode (PMM) is useful for portable or battery-powered applications. This feature
allows software to select a lower speed clock as the main time base. While normal operation has a
machine cycle rate of 4 clocks per cycle, the PMM allows the processor to run at 1024 clocks per cycle.
For example, at 12 MHz, standard operation has a machine cycle rate of 3 MHz. In Power Management
Mode, software can select an 11.7 kHz (12 MHz/1024) machine cycle rate. There is a corresponding
reduction in power consumption due to the processor running slower.
The DS87C550 also offers two features that can significantly reduce electromagnetic interference (EMI).
One EMI reduction feature allows software to select a reduced emission mode that disables the ALE
signal when it is unneeded. The other EMI reduction feature controls the current to the address and data
pins interfacing to external devices producing a controlled transition of these signals.
ORDERING INFORMATION
PART NUMBER
PACKAGE
MAX. CLOCK SPEED
TEMPERATURE RANGE
DS87C550-QCL
68-pin PLCC
33 MHz
0°C to +70°C
DS87C550-FCL
80-pin PQFP
33 MHz
0°C to +70°C
DS87C550-QNL
68-pin PLCC
33 MHz
-40°C to +85°C
DS87C550-FNL
80-pin PQFP
33 MHz
-40°C to +85°C
DS87C550-KCL
68-pin windowed CLCC
33 MHz
0°C to 70°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com