Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS87C550 Datasheet(PDF) 39 Page - Dallas Semiconductor

Part # DS87C550
Description  EPROM High-Speed Micro with A/D and PWM
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS87C550 Datasheet(HTML) 39 Page - Dallas Semiconductor

Back Button DS87C550 Datasheet HTML 35Page - Dallas Semiconductor DS87C550 Datasheet HTML 36Page - Dallas Semiconductor DS87C550 Datasheet HTML 37Page - Dallas Semiconductor DS87C550 Datasheet HTML 38Page - Dallas Semiconductor DS87C550 Datasheet HTML 39Page - Dallas Semiconductor DS87C550 Datasheet HTML 40Page - Dallas Semiconductor DS87C550 Datasheet HTML 41Page - Dallas Semiconductor DS87C550 Datasheet HTML 42Page - Dallas Semiconductor DS87C550 Datasheet HTML 43Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
DS87C550
39 of 50
MOVX CHARACTERISTICS CONT’D
Data Hold
after Write
tWHQX
0.25tMCS-5
0.5tMCS-5
1.5tMCS-10
ns
CST=0
1<=CST<=3
4<=CST<=7
RD
Low to
Address Float
tRLAZ
-((0.125 tMCS)-5)
ns
RD
or WR High
to ALE High
tWHLH
0
0.25tMCS-5
1.25tMCS-10
10
0.25tMCS+5
1.25tMCS+10
ns
CST=0
1<=CST<=3
4<=CST<=7
NOTES FOR MOVX CHARACTERISTICS USING STRETCH MEMORY
CYCLES
§ t
MCS is a time period related to the Stretch memory cycle selection. The following table shows the
value of tMCS for each Stretch selection.
§ C
ST is the stretch cycle value as determined by the MD2, MD1, & MD0 bits of the CKCON register.
tMCS TIME PERIODS
System Clock Selection
tMCS
4X/ 2X , CD1, CD0 = 100
0.5 tCLCL
4X/ 2X , CD1, CD0 = 000
1 tCLCL
4X/ 2X , CD1, CD0 = x10
4 tCLCL
4X/ 2X , CD1, CD0 = x11
1024 tCLCL
RD
, WR PULSE WIDTH WITH STRETCH CYCLES
RD
, WR Pulse Width (in oscillator clocks)
MD2
MD1
MD0
MOVX
Machine
Cycles
4X/ 2X =1
CD1:0=00
4X/ 2X =0
CD1:0=00
4X/ 2X =x
CD1:0=10
4X/ 2X =x
CD1:0=11
0
0
0
2
0.5 tCLCL
1 tCLCL
2 tCLCL
2048 tCLCL
0
0
1
3
tCLCL
2 tCLCL
4 tCLCL
4096 tCLCL
0
1
0
4
2 tCLCL
4 tCLCL
8 tCLCL
8192 tCLCL
0
1
1
5
3 tCLCL
6 tCLCL
12 tCLCL
12288 tCLCL
1
0
0
9
4 tCLCL
8 tCLCL
16 tCLCL
16384 tCLCL
1
0
1
10
5 tCLCL
10 tCLCL
20 tCLCL
20480 tCLCL
1
1
0
11
6 tCLCL
12 tCLCL
24 tCLCL
24576 tCLCL
1
1
1
12
7 tCLCL
14 tCLCL
28 tCLCL
28672 tCLCL
EXTERNAL CLOCK CHARACTERISTICS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Clock High Time
tCHCX
10
ns
Clock Low Time
tCLCX
10
ns
Clock Rise Time
tCLCL
5
ns
Clock Fall Time
tCHCL
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com