Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS9502 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS9502
Description  ESD Protection Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS9502 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS9502 Datasheet HTML 1Page - Dallas Semiconductor DS9502 Datasheet HTML 2Page - Dallas Semiconductor DS9502 Datasheet HTML 3Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1 of 3
102199
SPECIAL FEATURES
§ Zener characteristic with voltage snap–back
to protect against ESD hits
§ High avalanche voltage, low leakage and low
capacitance avoid signal attenuation
§ Compatible to all 5V logic families
§ Space saving, low inductance TSOC surface
mount package
§ Symmetric dual–port bondout to maximize
energy dissipation in protection device
§ Industrial temperature range
SYMBOL AND CONVENTIONS
PACKAGE OUTLINE
ORDERING INFORMATION
DS9502P
6-lead TSOC package
DESCRIPTION
This DS9502 was designed as an additional ESD protection for SRAM–based battery–buffered portable
memory modules. The memory chips used for these modules have already a strong ESD–protection
structure on their I/O line. Together with the DS9502 the ESD protection level is raised to more than
27 kV (IEC 801–2 Reference model). In case of abnormal ESD hits beyond its maximum ratings the
DS9502 will eventually fail “short” thus preventing further damage.
During normal operation the DS9502 behaves like a regular 7.5V Zener Diode. When the voltage exceeds
the trigger voltage, the I/V characteristic of the device will “snapback” allowing the same or higher
amount of current to flow, but at a significantly lower voltage. As long as a minimum current or voltage
is maintained, the device will stay in the “snapback mode”. If the voltage or the current falls below the
holding voltage or holding current, the device will abruptly change to its normal mode and conduct only a
small leakage current.
VCA
A
IC
C
6
1
5
2
4
3
TOP VIEW
TSOC SURFACE MOUNT PACKAGE
3.7 X 4.0 X 1.5 mm
See Mech. Drawings
Section
SIDE VIEW
DS9502
ESD Protection Diode
www.dalsemi.com


Similar Part No. - DS9502

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS9502 MAXIM-DS9502 Datasheet
70Kb / 3P
ESD Protection Diode
102199
More results

Similar Description - DS9502

ManufacturerPart #DatasheetDescription
logo
Rohm
RSB6.8G ROHM-RSB6.8G Datasheet
160Kb / 3P
ESD Protection diode
logo
AUK corp
SDT6B2Q AUK-SDT6B2Q Datasheet
52Kb / 3P
ESD Protection Diode
SDT6D8EF AUK-SDT6D8EF Datasheet
255Kb / 3P
ESD Protection Diode
logo
Leshan Radio Company
LESD7D5.0T5G LRC-LESD7D5.0T5G Datasheet
499Kb / 6P
ESD PROTECTION DIODE
logo
Sanyo Semicon Device
DA473S6 SANYO-DA473S6 Datasheet
285Kb / 4P
ESD Protection Diode
logo
Pan Jit International I...
PJQA6V8C PANJIT-PJQA6V8C Datasheet
209Kb / 3P
ESD Protection diode
logo
WILLAS ELECTRONIC CORP
SESD9DXXV WILLAS-SESD9DXXV Datasheet
387Kb / 4P
ESD Protection Diode
logo
Rohm
RSB6.8STE61 ROHM-RSB6.8STE61 Datasheet
394Kb / 3P
ESD Protection diode
logo
ON Semiconductor
ESD8018 ONSEMI-ESD8018 Datasheet
176Kb / 11P
ESD Protection Diode
July, 2015 ??Rev. 1
logo
Rohm
CDZC6.8B ROHM-CDZC6.8B_15 Datasheet
347Kb / 6P
ESD Protection Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com