Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS Datasheet(PDF) 1 Page - Okaya Electric America, Inc.

Part # AFS
Description  PFC CAPACITOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKAYA [Okaya Electric America, Inc.]
Direct Link  http://www.okayaelec.co.jp/
Logo OKAYA - Okaya Electric America, Inc.

AFS Datasheet(HTML) 1 Page - Okaya Electric America, Inc.

  AFS Datasheet HTML 1Page - Okaya Electric America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Capacitance
32
Features
Applications
Electrical Specifications
● Circuit
● Smaller than AFC series.
● High withstand voltage (between line and case,
2500VAC - 60sec.)
● Active filter circuit for electrical appliances. (PFC
circuit)
● PFC circuit of electrical equipment
● Flat-TV, PC, LED lighting etc.
Operating Temperature: -40~+105°C
Model Number
AFS450V474K
AFS450V684K
AFS450V105K
AFS450V155K
AFS450V225K
AFS450V335K
AFS450V475K
Capacitance
μF±10%
0.47
0.68
1.0
1.5
2.2
3.3
4.7
17.5
17.5
17.5
17.5
25.5
25.5
25.5
W
13.5
14.5
16.0
17.5
17.5
20.5
22.5
H
5.5
6.5
7.5
9.5
9.5
11.0
13.5
T
Dimensions
15.0
15.0
15.0
15.0
22.5
22.5
22.5
F
0.8
0.8
0.8
0.8
0.8
0.8
0.8
d
Dissipation
Factor
0.002max.
(at 1k
±100Hz)
Test Voltage
Line to Line
7,500Ω•Fmin.
Line to Case
100,000MΩmin.
(at 100VDC)
Insulation
Resistance
Line to Line
Rated Voltage
×1.75VDC (2~5sec)
Line to Case
2,500VAC
50/60Hz 60sec
● Model numbering system
A F S
4 5 0 V
1 0 5K
The first two digits stands
for capacitance (pF).
The third digit is for the
number of continuing zero.
K ±10%
450VDC
Metalized Polypropylene
Film Capacitor
AFS SERIES
PFC CAPACITOR
φd ±0.05
F±0.5
W±0.5
● Dimensions
Unit: mm
NEW
● Permissible current data (r.m.s. value)
5.0
4.0
3.0
2.0
1.0
0.0
10
100
1,000
AFS450V Series
Frequency (kHz)
0.47μF
0.68μF
4.7μF
3.3μF
2.2μF
1.5μF
1.0μF
Rated
Voltage
450VDC
It is possible to use from more than 85°C to 105°C by derating of rated voltage.
Series name
Rated Voltage
Tolerance of
Capacitance


Similar Part No. - AFS

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
AFS GREYSTONE-AFS Datasheet
199Kb / 1P
DIFFERENTIAL PRESSURE SWITCH
logo
Abracon Corporation
AFS-152-902.5MHZ-T ABRACON-AFS-152-902.5MHZ-T Datasheet
300Kb / 1P
SMD 902.5 MHz SAW FILTER
11.15.06
logo
KOA Speer Electronics, ...
AFS0001 KOA-AFS0001 Datasheet
102Kb / 2P
air flowsensor units
AFS0002 KOA-AFS0002 Datasheet
102Kb / 2P
air flowsensor units
logo
Microsemi Corporation
AFS090 MICROSEMI-AFS090 Datasheet
17Mb / 334P
Fusion Family of Mixed Signal FPGAs
More results

Similar Description - AFS

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
AFC450V474K OKAYA-AFC450V474K Datasheet
353Kb / 1P
PFC CAPACITOR
logo
Wurth Elektronik GmbH &...
760801021 WURTH-760801021 Datasheet
487Kb / 5P
WE-PFC PFC Choke
760801131 WURTH-760801131 Datasheet
503Kb / 5P
WE-PFC PFC Choke
760804110 WURTH-760804110 Datasheet
515Kb / 5P
WE-PFC PFC Choke
760804310 WURTH-760804310 Datasheet
484Kb / 5P
WE-PFC PFC Choke
760806302 WURTH-760806302 Datasheet
529Kb / 5P
WE-PFC PFC Choke
logo
Okaya Electric America,...
AFC OKAYA-AFC_14 Datasheet
83Kb / 1P
PFC CAPACITOR
AFP450V104K OKAYA-AFP450V104K_14 Datasheet
149Kb / 2P
PFC CAPACITOR
HCE-S OKAYA-HCE-S Datasheet
67Kb / 1P
PFC CAPACITOR
logo
Vincotech
20-1B06IPB004RC01-P952A45 VINCOTECH-20-1B06IPB004RC01-P952A45 Datasheet
1Mb / 32P
Input Rectifier, PFC-Boost with integrated PFC-Shunt, PFC-Gate driver and DC-capacitor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com