Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS Datasheet (PDF) - Greystone Energy Systems Inc.

AFS Datasheet PDF - Greystone Energy Systems Inc.
Part # AFS
Download  AFS Download
File Size   199.08 Kbytes
Page   1 Pages
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.
Description DIFFERENTIAL PRESSURE SWITCH

AFS Datasheet (PDF)

Go To PDF Page Download Datasheet
AFS Datasheet PDF - Greystone Energy Systems Inc.

Part # AFS
Download  AFS Click to download

File Size   199.08 Kbytes
Page   1 Pages
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.
Description DIFFERENTIAL PRESSURE SWITCH

AFS Datasheet (HTML) - Greystone Energy Systems Inc.


AFS Product details

PRODUCT DESCRIPTION
The plated housing contains a diaphragm, a
calibration spring and a snap-acting SPDT switch.
The sample connections located on each side of the
diaphragm accept 6.35mm (0.25”) OD tubing via
the integral compression ferrule and nut or barbed
fitting.
An enclosure cover guards against accidental
contact with the live switch terminal screws and the
set point adjusting screw. The enclosure cover will
accept a 12.7mm (0.5”) conduit connection.
Optional pressure ranges and manual resets
available.




Similar Part No. - AFS

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
AFS OKAYA-AFS Datasheet
91Kb / 1P
PFC CAPACITOR
logo
Abracon Corporation
AFS-152-902.5MHZ-T ABRACON-AFS-152-902.5MHZ-T Datasheet
300Kb / 1P
SMD 902.5 MHz SAW FILTER
11.15.06
logo
KOA Speer Electronics, ...
AFS0001 KOA-AFS0001 Datasheet
102Kb / 2P
air flowsensor units
AFS0002 KOA-AFS0002 Datasheet
102Kb / 2P
air flowsensor units
logo
Microsemi Corporation
AFS090 MICROSEMI-AFS090 Datasheet
17Mb / 334P
Fusion Family of Mixed Signal FPGAs
More results


Similar Description - AFS

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
HD755 EXTECH-HD755_15 Datasheet
252Kb / 1P
Differential Pressure Manometers
logo
BELIMO AIRCONTROLS (USA...
01APS-50R BELIMO-01APS-50R Datasheet
494Kb / 3P
Differential Pressure Switch
logo
Silicon Microstructures...
SM5391-BCE-S-001-000 SMI-SM5391-BCE-S-001-000 Datasheet
372Kb / 1P
Differential Pressure Sensor
SM5391-BCE-S-001-001 SMI-SM5391-BCE-S-001-001 Datasheet
373Kb / 1P
Differential Pressure Sensor
logo
Festo Corporation.
153499 FESTO-153499 Datasheet
90Kb / 1P
Differential pressure regulator
4/19/22
153502 FESTO-153502 Datasheet
90Kb / 1P
Differential pressure regulator
4/19/22
153504 FESTO-153504 Datasheet
90Kb / 1P
Differential pressure regulator
4/19/22
153513 FESTO-153513 Datasheet
92Kb / 1P
Differential pressure regulator
4/19/22
logo
Greystone Energy System...
GFS GREYSTONE-GFS Datasheet
266Kb / 1P
DIFFERENTIAL PRESSURE SWITCH
GLPSD GREYSTONE-GLPSD Datasheet
120Kb / 1P
DIFFERENTIAL PRESSURE SWITCH
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com