Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GFS Datasheet (PDF) - Greystone Energy Systems Inc.

GFS Datasheet PDF - Greystone Energy Systems Inc.
Part # GFS
Download  GFS Download
File Size   266.86 Kbytes
Page   1 Pages
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.
Description DIFFERENTIAL PRESSURE SWITCH

GFS Datasheet (PDF)

Go To PDF Page Download Datasheet
GFS Datasheet PDF - Greystone Energy Systems Inc.

Part # GFS
Download  GFS Click to download

File Size   266.86 Kbytes
Page   1 Pages
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.
Description DIFFERENTIAL PRESSURE SWITCH

GFS Datasheet (HTML) - Greystone Energy Systems Inc.


GFS Product details

PRODUCT DESCRIPTION
The differential pressure switch housing unit
contains a diaphragm, a snap-acting SPDT switch,
and a range adjustment knob with increments. The
sample connections located on the side accept
6.35mm (0.25”) OD tubing. There are 3 pressure
ranges available. 2 pick up tubes and 2m (6.56’) of
PVC tubing are included. The enclosure cover guards
against accidental contact with the live switch
terminal screws and the setpoint adjustment knob
with indication.




Similar Part No. - GFS

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
GFS1A CTC-GFS1A Datasheet
83Kb / 2P
Fast Recovery Rectifiers
GFS1B CTC-GFS1B Datasheet
83Kb / 2P
Fast Recovery Rectifiers
GFS1D CTC-GFS1D Datasheet
83Kb / 2P
Fast Recovery Rectifiers
GFS1G CTC-GFS1G Datasheet
83Kb / 2P
Fast Recovery Rectifiers
GFS1J CTC-GFS1J Datasheet
83Kb / 2P
Fast Recovery Rectifiers
More results


Similar Description - GFS

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
HD755 EXTECH-HD755_15 Datasheet
252Kb / 1P
Differential Pressure Manometers
logo
BELIMO AIRCONTROLS (USA...
01APS-50R BELIMO-01APS-50R Datasheet
494Kb / 3P
Differential Pressure Switch
logo
Silicon Microstructures...
SM5391-BCE-S-001-000 SMI-SM5391-BCE-S-001-000 Datasheet
372Kb / 1P
Differential Pressure Sensor
SM5391-BCE-S-001-001 SMI-SM5391-BCE-S-001-001 Datasheet
373Kb / 1P
Differential Pressure Sensor
logo
Festo Corporation.
153499 FESTO-153499 Datasheet
90Kb / 1P
Differential pressure regulator
4/19/22
153502 FESTO-153502 Datasheet
90Kb / 1P
Differential pressure regulator
4/19/22
153504 FESTO-153504 Datasheet
90Kb / 1P
Differential pressure regulator
4/19/22
153513 FESTO-153513 Datasheet
92Kb / 1P
Differential pressure regulator
4/19/22
logo
Greystone Energy System...
GLPSD GREYSTONE-GLPSD Datasheet
120Kb / 1P
DIFFERENTIAL PRESSURE SWITCH
AFS GREYSTONE-AFS Datasheet
199Kb / 1P
DIFFERENTIAL PRESSURE SWITCH
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com