Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GFS Datasheet(PDF) 1 Page - Greystone Energy Systems Inc.

Part # GFS
Description  DIFFERENTIAL PRESSURE SWITCH
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

GFS Datasheet(HTML) 1 Page - Greystone Energy Systems Inc.

  GFS Datasheet HTML 1Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PRINTED IN CANADA
Copyright © Greystone Energy Systems Inc. All Rights Reserved
www.greystoneenergy.com
PS-GFSXXX-03
Greystone Energy Systems, Inc.
150 English Drive, Moncton,
New Brunswick, Canada E1E 4G7
Ph: +1 (506) 853-3057 Fax: +1 (506) 853-6014
North America: 1-800-561-5611
E-mail: mail@greystoneenergy.com
DIFFERENTIAL PRESSURE SWITCH
GFS SERIES
PRODUCT
GFS-
Adjustable Differential Pressure Switch with Setpoint Indication
RANGE
80
83
86
20 to 300 Pa) ( 0.08” to 1.20 “WC), Switch differential 10 Pa (0.04 “WC)
50 to 500 Pa (0.2” to 2.00 “WC), Switch differential 20 Pa (0.08 “WC)
500 to 2500 Pa (2.00” to 10.00 “WC), Switch differenital 150 Pa (0.60 “WC)
ADDITIONAL DESCRIPTION
U-NPIKG
C-NPIKN
ETL & CE, 1/2” NPT & duct install kit, Greystone branded
CE only, 1/2” NPT & duct install kit, Non-branded
ORDERING
GFS-
PART NUMBER
NOTE: Greystone Energy Systems, Inc. reserves the right to make design modifications without prior notice.
PRODUCT DESCRIPTION
The differential pressure switch housing unit
contains a diaphragm, a snap-acting SPDT switch,
and a range adjustment knob with increments. The
sample connections located on the side accept
6.35mm (0.25”) OD tubing. There are 3 pressure
ranges available. 2 pick up tubes and 2m (6.56’) of
PVC tubing are included. The enclosure cover guards
against accidental contact with the live switch
terminal screws and the setpoint adjustment knob
with indication.
ALARM OR CONTROL
To prove excessive airflow or pressure
To prove insufficient airflow or pressure
ADJUSTMENT RANGE
See product ordering information
ADJUSTMENT KNOB MARKINGS
Scaled in Pascal and “WC
SWITCH TOLERANCE
±15%
SWITCH REPEATABILITY
80: +/-5%, min +/- 5 Pa
83: +/-2.5%, min +/- 5 Pa
86: +/-1%
MAXIMUM OPERATING PRESSURE
1.45 PSI (10 kPa) for all pressure ranges
MEDIUM
Air, non-combustible, and non-aggressive gases
TEMPERATURE RANGE
Medium and Ambient Temperature: -20 to 60°C (-4 to 140°F)
Storage Temperature: -40 to 85°C (-40 to 185°F)
OPERATING HUMIDITY RANGE
0-95%, Non-Condensing
DIAPHRAGM MATERIAL
Silicone, tempered at 200°C, free of gas emissions
PRESSURE CONNECTIONS
2 plastic pipe connection pieces
(P1 and P2), external diameter 6.0mm
P1 for connection to higher pressure
P2 for connection to lower pressure
ELECTRICAL RATING
Max. 1.0A (0.4A) / 250 Vac, 50/60 Hz
Max. 0.1A / 24 Vdc
ELECTRICAL CONNECTIONS
AMP flat plug 6.3mm x 0.8mm
Push-on screw terminals
Cable conduit with cable relief
MECHANICAL WORKING LIFE
Over 10 million switching operations
HOUSING MATERIALS
Switch body made of PA 6.6, cover made of PC
PROTECTION CATEGORY
IP54 with cover (NEMA 13)
WEIGHT
With cover 160g
INCLUDED ACCESSORIES
2 meters of PVC hose and 2 plastic tubes
Set of 3 push-on screw terminals
APPROVALS
CE
ETL Approves, No. 3192203
UL508 & CSA 22.2
SPECIFICATIONS
57.5 mm (2.26”)
21.8 mm
(0.86”)
7.5 mm (0.30”)
18 mm (0.71”)
59 mm
(2.32”)
ø
65 mm (2.56”)
50 mm (1.97”)
6 mm (0.24”)
8.5 mm (0.33”)
ø 4.5 mm (0.18”)
IP54


Similar Part No. - GFS

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
GFS1A CTC-GFS1A Datasheet
83Kb / 2P
Fast Recovery Rectifiers
GFS1B CTC-GFS1B Datasheet
83Kb / 2P
Fast Recovery Rectifiers
GFS1D CTC-GFS1D Datasheet
83Kb / 2P
Fast Recovery Rectifiers
GFS1G CTC-GFS1G Datasheet
83Kb / 2P
Fast Recovery Rectifiers
GFS1J CTC-GFS1J Datasheet
83Kb / 2P
Fast Recovery Rectifiers
More results

Similar Description - GFS

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
HD755 EXTECH-HD755_15 Datasheet
252Kb / 1P
Differential Pressure Manometers
logo
BELIMO AIRCONTROLS (USA...
01APS-50R BELIMO-01APS-50R Datasheet
494Kb / 3P
Differential Pressure Switch
logo
Silicon Microstructures...
SM5391-BCE-S-001-000 SMI-SM5391-BCE-S-001-000 Datasheet
372Kb / 1P
Differential Pressure Sensor
SM5391-BCE-S-001-001 SMI-SM5391-BCE-S-001-001 Datasheet
373Kb / 1P
Differential Pressure Sensor
logo
Festo Corporation.
153499 FESTO-153499 Datasheet
90Kb / 1P
Differential pressure regulator
4/19/22
153502 FESTO-153502 Datasheet
90Kb / 1P
Differential pressure regulator
4/19/22
153504 FESTO-153504 Datasheet
90Kb / 1P
Differential pressure regulator
4/19/22
153513 FESTO-153513 Datasheet
92Kb / 1P
Differential pressure regulator
4/19/22
logo
Greystone Energy System...
GLPSD GREYSTONE-GLPSD Datasheet
120Kb / 1P
DIFFERENTIAL PRESSURE SWITCH
AFS GREYSTONE-AFS Datasheet
199Kb / 1P
DIFFERENTIAL PRESSURE SWITCH
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com