Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS Datasheet(PDF) 1 Page - Greystone Energy Systems Inc.

Part # AFS
Description  DIFFERENTIAL PRESSURE SWITCH
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

AFS Datasheet(HTML) 1 Page - Greystone Energy Systems Inc.

  AFS Datasheet HTML 1Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PRINTED IN CANADA
Copyright © Greystone Energy Systems Inc. All Rights Reserved
www.greystoneenergy.com
PS-AFSXXX-02
03/20
Greystone Energy Systems, Inc.
150 English Drive, Moncton,
New Brunswick, Canada E1E 4G7
Ph: +1 (506) 853-3057 Fax: +1 (506) 853-6014
North America: 1-800-561-5611
E-mail: mail@greystoneenergy.com
DIFFERENTIAL PRESSURE SWITCH
AFS SERIES
Manual
Reset
Control
or Alarm
PRODUCT DESCRIPTION
The plated housing contains a diaphragm, a
calibration spring and a snap-acting SPDT switch.
The sample connections located on each side of the
diaphragm accept 6.35mm (0.25”) OD tubing via
the integral compression ferrule and nut or barbed
fitting.
An enclosure cover guards against accidental
contact with the live switch terminal screws and the
set point adjusting screw. The enclosure cover will
accept a 12.7mm (0.5”) conduit connection.
Optional pressure ranges and manual resets
available.
ALARM OR CONTROL
To prove excessive airflow or pressure
To prove insufficient airflow or pressure
To prove insufficient airflow or pressure (AFS-460).
SAMPLE MEDIA
Air
MOUNTING POSITION
Diaphragm in any vertical plane
SET POINT RANGE
AFS-222: 0.05 ± 0.02”W.C. to 12.0”W.C.
AFS-262: 0.05 ± 0.02”W.C. to 2.0”W.C.
AFS-460: 0.40 ± 0.06”W.C. to 12.0”W.C.
FIELD ADJUSTABLE OPERATE RANGE AFS-222: 0.07”W.C. to 12.0”W.C.
AFS-262: 0.07”W.C. to 2.0”W.C.
AFS-460: 0.46”W.C. to 12.0”W.C.
FIELD ADJUSTABLE RELEASE RANGE AFS-222: 0.04”W.C. to 11.2”W.C.
AFS-262: 0.04”W.C. to 1.9”W.C.
SWITCH DIFFERENTIAL
AFS-222: Progressive, increasing from approx. 0.02 ± 0.01”W.C. at minimum
set point, to approx. 0.8”W.C. at maximum set point
AFS-262: Progressive, increasing from approx. 0.02 ± 0.01”W.C. at minimum
set point, to approx. 0.1”W.C. at maximum set point
AFS-460: Progressive, increasing from approx. 0.06 ± 0.01”W.C. at
minimum set point, to approx. 0.8”W.C. at maximum set point
MAXIMUM PRESSURE
0.03 BAR (0.5 PSI)
OPERATING TEMP RANGE
-40 to 82°C (-40 to 180°F)
LIFE
AFS-222/262: 100,000 cycles at 0.5 PSI max pressure each cycle and at max
electrical load
AFS-460: 6000 cycles at 0.5 PSI max pressure each cycles and at max electrical
load
ELECTRICAL RATING
300 va pilot duty at 115 - 277 Vac, 10 amp, non-inductive, 277 Vac, 60Hz
CONTACT ARRANGEMENT
AFS-222/262: SPDT
AFS-460: SPDT-NC
ELECTRICAL CONNECTIONS
Screw top terminals with cup washers
CONDUIT CONNECTIONS
0.875” opening accepts ½” conduit
SAMPLE LINE CONNECTIONS
Ferrule and nut compression type connectors that accept 6.35mm (0.25”) OD
rigid tubing
-112: 1/4” OD barbed connector
RESET
AFS-222/262: Automatic
AFS-460: Manual
APPROVALS
AFS-222/262: UL, FM, CSA
AFS-460: UL, CSA, CE
SPECIFICATIONS
PRODUCT
AFS-
Adjustable Differential Pressure Switch
RANGE
222-316
222-112-316
262-316
262-112-316
460
460-112
0.05 ± 0.02”W.C. to 12.0”W.C. with Ferrule and nut compression connections
0.05 ± 0.02”W.C. to 12.0”W.C. with 1/4” OD barbed connections
0.05 ± 0.02”W.C. to 2.0”W.C. with Ferrule and nut compression connections
0.05 ± 0.02”W.C. to 2.0”W.C. with 1/4” OD barbed connections
0.40 ± 0.06”W.C. to 12.0”W.C. with Ferrule and nut compression connections
0.40 ± 0.06”W.C. to 12.0”W.C. with 1/4” OD barbed connections
ORDERING
AFS-
PART NUMBER
NOTE: Greystone Energy Systems, Inc. reserves the right to make design modifications without prior notice.
83mm (3.25”)
93mm (3.875”)
71mm
2.813”
156mm
6.125”
49mm
1.938”
5mm (0.188”)
2 REQ’D
ø
41mm
1.625”
83mm (3.25”)
11mm (0.438”)
20mm (0.781”)
HIGH
PRESS
INLET
LOW
PRESS
INLET
18mm (0.71”)
35mm
1.375”
1/4” OD Barbed Connector
suitable for flexible tubing
-112 Option


Similar Part No. - AFS

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
AFS OKAYA-AFS Datasheet
91Kb / 1P
PFC CAPACITOR
logo
Abracon Corporation
AFS-152-902.5MHZ-T ABRACON-AFS-152-902.5MHZ-T Datasheet
300Kb / 1P
SMD 902.5 MHz SAW FILTER
11.15.06
logo
KOA Speer Electronics, ...
AFS0001 KOA-AFS0001 Datasheet
102Kb / 2P
air flowsensor units
AFS0002 KOA-AFS0002 Datasheet
102Kb / 2P
air flowsensor units
logo
Microsemi Corporation
AFS090 MICROSEMI-AFS090 Datasheet
17Mb / 334P
Fusion Family of Mixed Signal FPGAs
More results

Similar Description - AFS

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
HD755 EXTECH-HD755_15 Datasheet
252Kb / 1P
Differential Pressure Manometers
logo
BELIMO AIRCONTROLS (USA...
01APS-50R BELIMO-01APS-50R Datasheet
494Kb / 3P
Differential Pressure Switch
logo
Silicon Microstructures...
SM5391-BCE-S-001-000 SMI-SM5391-BCE-S-001-000 Datasheet
372Kb / 1P
Differential Pressure Sensor
SM5391-BCE-S-001-001 SMI-SM5391-BCE-S-001-001 Datasheet
373Kb / 1P
Differential Pressure Sensor
logo
Festo Corporation.
153499 FESTO-153499 Datasheet
90Kb / 1P
Differential pressure regulator
4/19/22
153502 FESTO-153502 Datasheet
90Kb / 1P
Differential pressure regulator
4/19/22
153504 FESTO-153504 Datasheet
90Kb / 1P
Differential pressure regulator
4/19/22
153513 FESTO-153513 Datasheet
92Kb / 1P
Differential pressure regulator
4/19/22
logo
Greystone Energy System...
GFS GREYSTONE-GFS Datasheet
266Kb / 1P
DIFFERENTIAL PRESSURE SWITCH
GLPSD GREYSTONE-GLPSD Datasheet
120Kb / 1P
DIFFERENTIAL PRESSURE SWITCH
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com