Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SQXO2ATHG Datasheet(PDF) 2 Page - EUROQUARTZ limited

Part # SQXO2ATHG
Description  High Shock Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

SQXO2ATHG Datasheet(HTML) 2 Page - EUROQUARTZ limited

  SQXO2ATHG Datasheet HTML 1Page - EUROQUARTZ limited SQXO2ATHG Datasheet HTML 2Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001
info@euroquartz.co.uk
www.euroquartz.co.uk
EURO QUARTZ
HOW TO ORDER SQXO2ATHG CRYSTAL OSCILLATORS
SQXO2AT
4
S
HG
-
4.0M, /
- / -
/
200 /
H
Blank = standard
S = special or
custom
HG = High Shock
Frequency
M = MHz
k = kHz
Total
Frequency
Tolerance
(in ±ppm)
Temp. Range
H = 25° to 200°C
S = Customer specified
Supply Voltage
2 = 2.5V
3 = 3.3V
5 = 5.0V
OR
Supply Voltage:
-0.5V to +4.0V (3.3V)
-0.5V to +7.0V (5.0V)
Maximum Process Temperature:
260°C for 10 seconds
Storage Temperature:
-55° to +125°C
ABSOLUTE MAXIMUM RATINGS
Page 2 of 2
SQXO2ATHG OSCILLATOR
High Temp./ High Shock Oscillator
32.768kHz to 50.0MHz
/ 50 / 175 /
-
/
H
Calibration
Tolerance
@25°C
(in ±ppm)
Total
Frequency
Stability over
Temp. Range
(in ±ppm)
Temp. Range
H = 25° to 200°C
S = Customer specified



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com