Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SQXO2ATHG Datasheet(PDF) 1 Page - EUROQUARTZ limited

Part # SQXO2ATHG
Description  High Shock Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

SQXO2ATHG Datasheet(HTML) 1 Page - EUROQUARTZ limited

  SQXO2ATHG Datasheet HTML 1Page - EUROQUARTZ limited SQXO2ATHG Datasheet HTML 2Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001
info@euroquartz.co.uk
www.euroquartz.co.uk
EURO QUARTZ
DESCRIPTION
SQXO2ATHG oscillators are miniature oscillators produced in the
space-efficient and ultra-reliable TO-39 package. The oscillator is
designed for extended high temperature operation <200°C. The part
has excellent calibration and stability over a wide temperature range
and has excellent shock resistance.
OUTLINE & DIMENSIONS
FEATURES
High temperature operation <200°C
Excellent stability over temperature
High shock resistance
CMOS Output
Through-hole leaded package
Reduces mechanical and thermal mounting stresses
Robust TO-39 package
32.768kHz option available
Low current (500µA at 25°C)
Fast start-up (0.8ms typical)
SQXO2ATHG OSCILLATOR
High Temp./ High Shock Oscillator
32.768kHz to 50.0MHz
APPLICATIONS
Downhole instrumentation
Rotary shaft sensors
Underground boring tools
Avionics applications
Industrial, Computer & Communications
Frequency Range:
32.768kHz to 50.0MHz
Supply Voltage1:
2.5 Volts ±10% (+175°C max.)
3.3 Volts ±10% (+200°C max.)
5.0 Volts ±10% (+200°C max.)
Calibration Tolerance:
±50ppm, or tighter as required
Frequency Stability:
±100ppm for 25°C to 150°C
Over Temperature Range:
±150ppm for 25°C to 175°C
±175ppm for 25°C to 200°C
Total Tolerance2:
±200ppm for 25°C to +200°C
Start-up Time:
5ms maximum
Rise/Fall Time:
100ns maximum (32.768kHz)
Duty Cycle:
40% min., 60% max.
Ageing First Year:
±5ppm maximum at 25°C
Shock, Survival3:
8000g, 5ms, ½ sine
Vibration Survival4:
20g, 10~2000Hz swept sine
Operating Temperature5:
-55° to +200°C
SPECIFICATION
PACKAGING
SQXO2ATHG oscillators are supplied tray packed as standard.
32.768kHz
500µA
-
24MHz
3.0mA
8.0mA
32MHz
5.0mA
10.0A
50MHz
6.0mA
14.0mA
Frequency
Supply Current
Vdd = 3.3V
Supply Current
Vdd = 5.0V
SUPPLY CURRENT
Page 1 of 2


Similar Part No. - SQXO2ATHG

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
SQXO2ATHG STATEK-SQXO2ATHG Datasheet
381Kb / 2P
OSCILLATOR
More results

Similar Description - SQXO2ATHG

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
CXOMHG STATEK-CXOMHG Datasheet
67Kb / 2P
High Shock, Low Profile, Miniature Surface Mount Crystal Oscillator
logo
QUARTZCOM the communica...
MCO-6S QUARTZCOM-MCO-6S Datasheet
124Kb / 1P
Miniature SMD Clock Oscillator CMOS High shock and vibrational resistivity
MCO-2S QUARTZCOM-MCO-2S Datasheet
118Kb / 1P
SMD Clock Oscillator HCMOS / TTL High shock and vibration resistant
logo
STATEK CORPORATION
CXOMHG STATEK-CXOMHG_12 Datasheet
406Kb / 2P
High Shock, Low Profile, Miniature Surface Mount Crystal Oscillator
CXOMK STATEK-CXOMK Datasheet
298Kb / 2P
High Stability, High Shock Crystal Oscillator
CXOX STATEK-CXOX_13 Datasheet
201Kb / 2P
Ultra-Miniature, High Stability High Shock Crystal Oscillator
HFXO STATEK-HFXO Datasheet
127Kb / 2P
High Precision & High Shock, Low Profile Miniature Surface Mount Crystal Oscillator
HGXO STATEK-HGXO Datasheet
87Kb / 2P
High Shock Surface Mount Crystal Oscillator
HGXOHT STATEK-HGXOHT Datasheet
78Kb / 2P
High Shock, High Temperature Crystal Oscillator
logo
EUROQUARTZ limited
HGXO EUROQUARTZ-HGXO Datasheet
127Kb / 1P
High Shock SMD Crystal Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com