Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3545 Datasheet(PDF) 1 Page - NEC

Part # 2SC3545
Description  UHF OSCILLTOR AND MIXER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC3545 Datasheet(HTML) 1 Page - NEC

  2SC3545 Datasheet HTML 1Page - NEC 2SC3545 Datasheet HTML 2Page - NEC 2SC3545 Datasheet HTML 3Page - NEC 2SC3545 Datasheet HTML 4Page - NEC 2SC3545 Datasheet HTML 5Page - NEC 2SC3545 Datasheet HTML 6Page - NEC 2SC3545 Datasheet HTML 7Page - NEC 2SC3545 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DATA SHEET
SILICON TRANSISTOR
2SC3545
UHF OSCILLATOR AND MIXER
NPN SILICON EPITAXIAL TRANSISTOR
MINI MOLD
DATA SHEET
Document No. P10358EJ2V1DS00 (2nd edition)
Date Published March 1997 N
Printed in Japan
1984
©
DESCRIPTION
The 2SC3545 is an NPN silicon epitaxial transistor intended for use as
UHF oscillator and mixer in a tuner of a TV receiver.
The device features stable oscillation and small frequency drift against
any change of the supply voltage and the ambient temperature.
It
is
designed
for
use
in
small
type
equipments
especially
recommended for Hybrid Integrated Circuit and other applications.
FEATURES
• High Gain Bandwidth Procuct; fT = 2 000 MHz TYP.
• Low Collector to Base Time Constant; CC  rb’b = 4 ps TYP.
• Low Feedback Capacitance; Cre = 0.48 pF TYP.
ABSOLUTE MAXIMUM RATINGS (TA = 25
C)
Maximum Voltages and Current
Collector to Base Voltage
VCBO
30
V
Collector to Emitter Voltage
VCEO
15
V
Emitter to Base Voltage
VEBO
3.0
V
Collector Current
IC
50
mA
Maximum Power Dissipation
Total Power Dissipation
PT
150
mW
Maximum Temperature
Junction Temperature
Tj
125
C
Storage Temperature
Tstg
65 to +125
C
ELECTRICAL CHARACTERISTICS (TA = 25
C)
CHARACTERISTIC
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
Collector Cutoff Current
ICBO
0.1
AVCB = 12 V, IE = 0
DC Current Gain
hFE
50
100
250
VCE = 10 V, IC = 5.0 mA
Collector Saturation Voltage
VCE(sat)
0.5
V
IC = 10 mA, IB = 1.0 mA
Gain Bandwidth Product
fT
1.3
2.0
MHz
VCE = 10 V, IE =
5.0 mA
Output Capacitance
Cob
0.48
1.0
pF
VCB = 10 V, IE = 0, f = 1.0 MHz
Collector to Base Time Constant
CC  rb’b
410
ps
VCE = 10 V, IE =
5.0 mA, f = 31.9 MHz
hFE Classification
Class
M/P *
L/Q *
K/R *
Marking
T42
T43
T44
hFE
50 to 100
70 to 140
120 to 250
* Old Specification / New Specification
PACKAGE DIMENSIONS
(Units: mm)
1.5
2
1
3
Marking
PIN CONNECTIONS
1.
2.
3.
Emitter
Base
Collector
2.8±0.2
0.65
+0.1
−0.15


Similar Part No. - 2SC3545

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC3545 KEXIN-2SC3545 Datasheet
37Kb / 1P
NPN Silicon Epitaxial Transistor
logo
Inchange Semiconductor ...
2SC3545 ISC-2SC3545 Datasheet
299Kb / 5P
isc Silicon NPN RF Transistor
logo
California Eastern Labs
2SC3545 CEL-2SC3545 Datasheet
61Kb / 8P
NPN SILICON OSCILLATOR AND MIXER TRANSISTOR
logo
Foshan Blue Rocket Elec...
2SC3545 FOSHAN-2SC3545 Datasheet
593Kb / 6P
Silicon NPN transistor in a SOT-23 Plastic Package
More results

Similar Description - 2SC3545

ManufacturerPart #DatasheetDescription
logo
NEC
2SC3618 NEC-2SC3618 Datasheet
228Kb / 4P
NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
2SC3841 NEC-2SC3841 Datasheet
96Kb / 8P
UHF OSCILLATOR AND UHF MIXER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
2SC4182 NEC-2SC4182 Datasheet
47Kb / 6P
UHF/VHF OSCILLATOR AND VHF MIXER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4184 NEC-2SC4184 Datasheet
38Kb / 6P
UHF OSCILLATOR AND VHF MIXER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4185 NEC-2SC4185 Datasheet
44Kb / 6P
UHF OSCILLATOR AND VHF MIXER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4186 NEC-2SC4186 Datasheet
47Kb / 8P
UHF OSCILLATOR AND UHF MIXER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
2SC4570 NEC-2SC4570 Datasheet
66Kb / 8P
NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
logo
Renesas Technology Corp
2SC1623-T1B-A RENESAS-2SC1623-T1B-A Datasheet
229Kb / 7P
NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
2SC1623 RENESAS-2SC1623_15 Datasheet
229Kb / 7P
NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
2SC1623A RENESAS-2SC1623A Datasheet
301Kb / 7P
NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
2005
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com