Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3545 Datasheet (PDF) - Inchange Semiconductor Company Limited

2SC3545 Datasheet PDF - Inchange Semiconductor Company Limited
Part # 2SC3545
Download  2SC3545 Download
File Size   299.35 Kbytes
Page   5 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN RF Transistor

2SC3545 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC3545 Datasheet PDF - Inchange Semiconductor Company Limited

Part # 2SC3545
Download  2SC3545 Click to download

File Size   299.35 Kbytes
Page   5 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN RF Transistor

2SC3545 Datasheet (HTML) - Inchange Semiconductor Company Limited


2SC3545 Product details

DESCRIPTION
·Low Base Time Constant; 
  rbb’ • CC = 4 ps TYP.
·High Gain Bandwidth Product
  fT= 2 GHz TYP. @ IE= -5mA, VCE= 10V 
·Low Feedback Capacitance; 
  Cre = 0.48 pF TYP.

APPLICATIONS
·Designed for use as UHF oscillator and mixer in a tuner of a TV receiver.




Similar Part No. - 2SC3545

ManufacturerPart #DatasheetDescription
logo
NEC
2SC3545 NEC-2SC3545 Datasheet
98Kb / 8P
UHF OSCILLTOR AND MIXER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
logo
Guangdong Kexin Industr...
2SC3545 KEXIN-2SC3545 Datasheet
37Kb / 1P
NPN Silicon Epitaxial Transistor
logo
California Eastern Labs
2SC3545 CEL-2SC3545 Datasheet
61Kb / 8P
NPN SILICON OSCILLATOR AND MIXER TRANSISTOR
logo
Foshan Blue Rocket Elec...
2SC3545 FOSHAN-2SC3545 Datasheet
593Kb / 6P
Silicon NPN transistor in a SOT-23 Plastic Package
More results


Similar Description - 2SC3545

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC4260 ISC-2SC4260 Datasheet
152Kb / 6P
isc Silicon NPN RF Transistor
2SC4261 ISC-2SC4261 Datasheet
213Kb / 6P
isc Silicon NPN RF Transistor
BFS520 ISC-BFS520 Datasheet
195Kb / 7P
isc Silicon NPN RF Transistor
MMBR911L ISC-MMBR911L Datasheet
179Kb / 5P
isc Silicon NPN RF Transistor
MMBR941L ISC-MMBR941L Datasheet
260Kb / 9P
isc Silicon NPN RF Transistor
MMBR951L ISC-MMBR951L Datasheet
178Kb / 8P
isc Silicon NPN RF Transistor
BFG425W ISC-BFG425W Datasheet
292Kb / 2P
isc Silicon NPN RF Transistor
ISC1862 ISC-ISC1862 Datasheet
302Kb / 2P
isc Silicon NPN RF Transistor
PRF957 ISC-PRF957 Datasheet
306Kb / 2P
isc Silicon NPN RF Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com