Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3545 Datasheet(PDF) 4 Page - Inchange Semiconductor Company Limited

Part # 2SC3545
Description  isc Silicon NPN RF Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC3545 Datasheet(HTML) 4 Page - Inchange Semiconductor Company Limited

  2SC3545 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC3545 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC3545 Datasheet HTML 3Page - Inchange Semiconductor Company Limited 2SC3545 Datasheet HTML 4Page - Inchange Semiconductor Company Limited 2SC3545 Datasheet HTML 5Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
INCHANGE Semiconductor
isc RF Product Specification
isc Silicon NPN RF Transistor
2SC3545
S-PARAMETER
VCE = 10 V, IC = 5 mA , ZO = 50Ω
Freque.
S11
S21
S12
S22
MHz
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
200
0.472
-80.6
7.581
114.1
0.037
60.2
0.780
-8.2
400
0.310
-117.3
4.029
92.9
0.055
55.5
0.723
-15.1
600
0.261
-139.9
2.926
81.7
0.077
60.2
0.721
-18.8
800
0.262
-160.4
2.118
70.2
0.098
62.8
0.698
-22.6
1000
0.270
-176.6
1.860
62.8
0.108
64.6
0.691
-25.1
1200
0.288
172.3
1.504
54.4
0.125
65.7
0.688
-30.7
1400
0.323
162.4
1.413
47.9
0.148
66.4
0.664
-35.1
1600
0.356
151.0
1.201
40.9
0.160
68.0
0.658
-39.3
VCE = 10 V, IC = 10 mA , ZO = 50Ω
Freque.
S11
S21
S12
S22
MHz
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
200
0.323
-101.4
8.735
104.9
0.037
49.5
0.711
-8.5
400
0.246
-136.2
4.383
87.4
0.052
65.2
0.693
-13.8
600
0.247
-158.8
3.120
78.0
0.074
67.3
0.696
-16.8
800
0.273
-173.7
2.259
67.2
0.086
68.2
0.679
-20.0
1000
0.299
172.6
1.968
60.1
0.102
69.4
0.671
-23.8
1200
0.314
162.7
1.589
52.5
0.126
70.1
0.663
-26.6
1400
0.353
154.5
1.483
46.3
0.146
70.4
0.648
-33.7
1600
0.380
144.7
1.257
39.5
0.166
70.3
0.648
-38.5
isc Website:www.iscsemi.cn
4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com