Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3545 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SC3545
Description  isc Silicon NPN RF Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC3545 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SC3545 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC3545 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC3545 Datasheet HTML 3Page - Inchange Semiconductor Company Limited 2SC3545 Datasheet HTML 4Page - Inchange Semiconductor Company Limited 2SC3545 Datasheet HTML 5Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
INCHANGE Semiconductor
isc RF Product Specification
isc Silicon NPN RF Transistor
2SC3545
DESCRIPTION
·Low Base Time Constant;
rbb’ • CC = 4 ps TYP.
·High Gain Bandwidth Product
fT= 2 GHz TYP. @ IE= -5mA, VCE= 10V
·Low Feedback Capacitance;
Cre = 0.48 pF TYP.
APPLICATIONS
·Designed for use as UHF oscillator and mixer in a tuner
of a TV receiver.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
30
V
VCEO
Collector-Emitter Voltage
15
V
VEBO
Emitter-Base Voltage
3
V
IC
Collector Current-Continuous
50
mA
PC
Collector Power Dissipation
@TC=25℃
0.15
W
TJ
Junction Temperature
125
Tstg
Storage Temperature Range
-65~125
isc Website:www.iscsemi.cn


Similar Part No. - 2SC3545

ManufacturerPart #DatasheetDescription
logo
NEC
2SC3545 NEC-2SC3545 Datasheet
98Kb / 8P
UHF OSCILLTOR AND MIXER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
logo
Guangdong Kexin Industr...
2SC3545 KEXIN-2SC3545 Datasheet
37Kb / 1P
NPN Silicon Epitaxial Transistor
logo
California Eastern Labs
2SC3545 CEL-2SC3545 Datasheet
61Kb / 8P
NPN SILICON OSCILLATOR AND MIXER TRANSISTOR
logo
Foshan Blue Rocket Elec...
2SC3545 FOSHAN-2SC3545 Datasheet
593Kb / 6P
Silicon NPN transistor in a SOT-23 Plastic Package
More results

Similar Description - 2SC3545

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC4260 ISC-2SC4260 Datasheet
152Kb / 6P
isc Silicon NPN RF Transistor
2SC4261 ISC-2SC4261 Datasheet
213Kb / 6P
isc Silicon NPN RF Transistor
BFS520 ISC-BFS520 Datasheet
195Kb / 7P
isc Silicon NPN RF Transistor
MMBR911L ISC-MMBR911L Datasheet
179Kb / 5P
isc Silicon NPN RF Transistor
MMBR941L ISC-MMBR941L Datasheet
260Kb / 9P
isc Silicon NPN RF Transistor
MMBR951L ISC-MMBR951L Datasheet
178Kb / 8P
isc Silicon NPN RF Transistor
BFG425W ISC-BFG425W Datasheet
292Kb / 2P
isc Silicon NPN RF Transistor
ISC1862 ISC-ISC1862 Datasheet
302Kb / 2P
isc Silicon NPN RF Transistor
PRF957 ISC-PRF957 Datasheet
306Kb / 2P
isc Silicon NPN RF Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com